Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8046DF Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8046DF
Description  28V, 5A Dual Channel Power Half-Bridge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8046DF Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8046DF Datasheet HTML 1Page - Monolithic Power Systems MP8046DF Datasheet HTML 2Page - Monolithic Power Systems MP8046DF Datasheet HTML 3Page - Monolithic Power Systems MP8046DF Datasheet HTML 4Page - Monolithic Power Systems MP8046DF Datasheet HTML 5Page - Monolithic Power Systems MP8046DF Datasheet HTML 6Page - Monolithic Power Systems MP8046DF Datasheet HTML 7Page - Monolithic Power Systems MP8046DF Datasheet HTML 8Page - Monolithic Power Systems MP8046DF Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MP8046 –28V, 5A DUAL CHANNEL POWER HALF-BRIDGE
MP8046 Rev. 0.92
www.MonolithicPower.com
2
4/29/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP8046DF
TSSOP20F
MP8046DF
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP8046DF–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP8046DF–LF–Z)
PACKAGE REFERENCE
NC
AGND1
PWM1
STBY
PWM2
FAULT
SHDN
AGND2
NC
VDR2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDR1
BST1
PGND1
OUT1
VDD1
NC
VDD2
OUT2
PGND2
BST2
TOP VIEW
EXPOSED PAD
ABSOLUTE MAXIMUM RATINGS
(1)
VDD1/2 Supply Voltage ............................... 31V
OUT1/2 Pin Voltage............ –0.3V to VDD + 0.3V
OUT1/2 to BST1/2 .........................–0.3V to +6V
Voltage at All Other Pins................–0.3V to +6V
Continuous Power Dissipation (TA = +25°C)
(2)
………………………………………………....3.1W
Storage Temperature.............. –55
°C to +150°C
Junction Temperature.............................150°C
Lead Temperature .................................260°C
Recommended Operating Conditions
(3)
VDD1/2 Supply Voltage ...................7.5V to 28V
Peak Output Current......................5A Maximum
Operating Junct. Temp (TJ)...... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TSSOP20F..............................40 ....... 6 ....
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on approximately 1” square of 1 oz copper.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com