Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1582ART-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1582ART-R2
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1582ART-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1582ART-R2 Datasheet HTML 4Page - Analog Devices AD1582ART-R2 Datasheet HTML 5Page - Analog Devices AD1582ART-R2 Datasheet HTML 6Page - Analog Devices AD1582ART-R2 Datasheet HTML 7Page - Analog Devices AD1582ART-R2 Datasheet HTML 8Page - Analog Devices AD1582ART-R2 Datasheet HTML 9Page - Analog Devices AD1582ART-R2 Datasheet HTML 10Page - Analog Devices AD1582ART-R2 Datasheet HTML 11Page - Analog Devices AD1582ART-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD1582/AD1583/AD1584/AD1585
–8–
REV. D
–Typical Performance Characteristics
ppm/ C
6
0
–60
50
–50
–10
10
14
8
4
2
12
10
30
22
16
20
18
–40
–30
–20
0
20
40
TPC 1. Typical Output Voltage Temperature Drift
Distribution
VOUT (ERROR)
50
15
0
–1.00%
1.00%
–0.60%
–0.20%
0.20%
0.60%
45
20
10
5
35
25
40
30
TPC 2. Typical Output Voltage Error Distribution
TEMPERATURE ( C)
–40
–20
0
20
40
60
80
100
120
2.504
2.502
2.494
2.492
2.490
2.488
2.500
2.496
2.498
TPC 3. Typical Temperature Drift Characteristic Curves
VIN (V)
0
2468
10
12
0
0.25
0.20
0.15
0.10
0.35
0.30
0.40
0.05
AD1585
AD1582
TPC 4. Load Regulation vs. VIN
–20
–40
–60
–80
–70
–30
–50
IOUT (mA)
0
–90
–5
1
–4
–3
–2
–1
0
2
3
4
5
–10
AD1585
AD1582
TPC 5. Line Regulation vs. ILOAD
10k
1k
100
10
100
1k
10k
100k
IOUT = 0
IOUT = 1mA
FREQUENCY (Hz)
TPC 6. Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com