Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1582BRT-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD1582BRT-R2
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1582BRT-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1582BRT-R2 Datasheet HTML 2Page - Analog Devices AD1582BRT-R2 Datasheet HTML 3Page - Analog Devices AD1582BRT-R2 Datasheet HTML 4Page - Analog Devices AD1582BRT-R2 Datasheet HTML 5Page - Analog Devices AD1582BRT-R2 Datasheet HTML 6Page - Analog Devices AD1582BRT-R2 Datasheet HTML 7Page - Analog Devices AD1582BRT-R2 Datasheet HTML 8Page - Analog Devices AD1582BRT-R2 Datasheet HTML 9Page - Analog Devices AD1582BRT-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD1582/AD1583/AD1584/AD1585
–6–
REV. D
ABSOLUTE MAXIMUM RATINGS
1
VIN to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 V
Internal Power Dissipation
2
SOT-23 (RT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400 mW
Storage Temperature Range . . . . . . . . . . . . –65
°C to +125°C
Specified Temperature Range
AD1582RT/AD1583RT/,
AD1584RT/AD1585RT . . . . . . . . . . . . . –40
°C to +125°C
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air at 25
°C: SOT-23 package: θ
JA = 300
°C/W.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1582/AD1583/AD1584/AD1585 feature proprietary ESD protection circuitry,
permanent damage may occur on devices subjected to high energy electrostatic discharges.
Therefore, proper ESD precautions are recommended to avoid performance degradation or loss
of functionality.
PACKAGE BRANDING INFORMATION
Four fields identify the device:
• First field, product identifier, for example, a “2/3/4/5” identifies
the generic as AD1582/AD1583/AD1584/AD1585
• Second field, device grade, which can be “A,” “B,” or “C”
• Third field, calendar year of processing, “7” for 1997...,
“A” for 2001...
• Fourth field, two-week window within the calendar year, for
example, letters A–Z to represent a two-week window starting
with “A” for the first two weeks of January.
ORDERING GUIDE
Initial
Output
Initial
Temperature
Voltage
Accuracy Accuracy
Coefficient
Package
Package
Top
Number of
Model
(V)
(mV)
(%)
(ppm/ C)
Description
Option
Mark
Parts per Reel
AD1582ART-R2
2.50
20
0.80
100
SOT-23
RT-3
2A0A
250
AD1582ART-Reel7
2.50
20
0.80
100
SOT-23
RT-3
2A0A
3000
AD1582BRT-R2
2.50
2
0.08
50
SOT-23
RT-3
2B0A
250
AD1582BRT-Reel7
2.50
2
0.08
50
SOT-23
RT-3
2B0A
3000
AD1582CRT-Reel7
2.50
4
0.16
50
SOT-23
RT-3
2C0A
3000
AD1583ART-R2
3.00
30
1.00
100
SOT-23
RT-3
3A0A
250
AD1583ART-Reel7
3.00
30
1.00
100
SOT-23
RT-3
3A0A
3000
AD1583BRT-R2
3.00
3
0.10
50
SOT-23
RT-3
3B0A
250
AD1583BRT-Reel7
3.00
3
0.10
50
SOT-23
RT-3
3B0A
3000
AD1583CRT-Reel7
3.00
6
0.20
50
SOT-23
RT-3
3C0A
3000
AD1584ART-R2
4.096
40
0.98
100
SOT-23
RT-3
4A0A
250
AD1584ART-Reel7
4.096
40
0.98
100
SOT-23
RT-3
4A0A
3000
AD1584BRT-R2
4.096
4
0.10
50
SOT-23
RT-3
4B0A
250
AD1584BRT-Reel7
4.096
4
0.10
50
SOT-23
RT-3
4B0A
3000
AD1584CRT-Reel7
4.096
8
0.20
50
SOT-23
RT-3
4C0A
3000
AD1585ART-R2
5.00
50
1.00
100
SOT-23
RT-3
5A0A
250
AD1585ART-Reel7
5.00
50
1.00
100
SOT-23
RT-3
5A0A
3000
AD1585BRT-R2
5.00
5
0.10
50
SOT-23
RT-3
5B0A
250
AD1585BRT-Reel7
5.00
5
0.10
50
SOT-23
RT-3
5B0A
3000
AD1585CRT-R2
5.00
10
0.20
50
SOT-23
RT-3
5C0A
250
AD1585CRT-Reel7
5.00
10
0.20
50
SOT-23
RT-3
5C0A
3000
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com