Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1583ART-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1583ART-R2
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1583ART-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1583ART-R2 Datasheet HTML 8Page - Analog Devices AD1583ART-R2 Datasheet HTML 9Page - Analog Devices AD1583ART-R2 Datasheet HTML 10Page - Analog Devices AD1583ART-R2 Datasheet HTML 11Page - Analog Devices AD1583ART-R2 Datasheet HTML 12Page - Analog Devices AD1583ART-R2 Datasheet HTML 13Page - Analog Devices AD1583ART-R2 Datasheet HTML 14Page - Analog Devices AD1583ART-R2 Datasheet HTML 15Page - Analog Devices AD1583ART-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD1582/AD1583/AD1584/AD1585
–12–
REV. D
TURN-ON TIME
Many low power instrument manufacturers are becoming increas-
ingly concerned with the turn-on characteristics of the components
being used in their systems. Fast turn-on components often enable
the end user to save power by keeping power off when it is not
needed. Turn-on settling time is defined as the time required, after
the application of power (cold start), for the output voltage to
reach its final value within a specified error. The two major factors
affecting this are the active circuit settling time and the time
required for the thermal gradients on the chip to stabilize.
Figure 12a shows the turn-on settling and transient response test
circuit. Figure 12b shows the turn-on characteristic of the
AD1582. This characteristic is generated from cold-start operation
and represents the true turn-on waveform after power-up.
Figure 12c shows the fine settling characteristics of the AD1582.
Typically, the reference settles to within 0.1% of its final value
in about 100
µs.
The device can momentarily draw excessive supply current
when VSUPPLY is slightly below the minimum specified level.
Power supply resistance must be low enough to ensure reliable
turn-on. Fast power supply edges minimize this effect.
0V OR 10V
0V TO 10V
5V OR 10V
0V OR 5V
0.22 F
DUT
0.22 F
VOUT
10k
10k
1
Figure 12a. Turn-On/Transient Response Test Circuit
10
0%
100
90
20 s
5V
20 s
1V
Figure 12b. Turn-On Characteristics
10
0%
100
90
20 s
5V
20 s
1mV
Figure 12c. Turn-On Settling
DYNAMIC PERFORMANCE
Many A/D and D/A converters present transient current loads
to the reference, and poor reference response can degrade the
converter’s performance. The AD1582/AD1583/AD1584/AD1585
family of references provides superior static and dynamic line
and load regulation. Since these series references are capable of
both sourcing and sinking large current loads, they exhibit
excellent settling characteristics.
Figure 13 displays the line transient response for the AD1582.
The circuit used to perform such a measurement is shown in
Figure 12a, where the input supply voltage is toggled from 5 V
to 10 V and the input and output capacitors are each 0.22
µF.
Figures 14 and 15 show the load transient settling characteristics
for the AD1582 when load current steps of 0 mA to +5 mA
and 0 mA to –1 mA are applied. The input supply voltage
remains constant at 5 V, the input decoupling and output load
capacitors are 4.7
µF and 1 µF, respectively, and the output current
is toggled. For both positive and negative current loads, the
reference responses settle very quickly and exhibit initial voltage
spikes less than 10 mV.
10
0%
100
90
50 s
5V
50 s
200mV
Figure 13. Line Transient Response
10
0%
100
90
20 s
5V
20 s
5mV
Figure 14. Load Transient Response (0 mA to 5 mA Load)
10
0%
100
90
20 s
5V
20 s
5mV
Figure 15. Load Transient Response (0 mA to –1 mA Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com