Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01ASC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24C01ASC
Description  Two-wire Serial EEPROM Smart Card Modules
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01ASC Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24C01ASC Datasheet HTML 1Page - ATMEL Corporation AT24C01ASC Datasheet HTML 2Page - ATMEL Corporation AT24C01ASC Datasheet HTML 3Page - ATMEL Corporation AT24C01ASC Datasheet HTML 4Page - ATMEL Corporation AT24C01ASC Datasheet HTML 5Page - ATMEL Corporation AT24C01ASC Datasheet HTML 6Page - ATMEL Corporation AT24C01ASC Datasheet HTML 7Page - ATMEL Corporation AT24C01ASC Datasheet HTML 8Page - ATMEL Corporation AT24C01ASC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
AT24C01ASC/02SC/04SC/08SC/16SC
1610B–SEEPR–04/04
Figure 2. Block Diagram
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each
EEPROM device and negative edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is
open-drain driven and may be wire-ORed with any number of other open-drain or open-
collector devices.
Memory Organization AT24C01ASC, 1K SERIAL EEPROM: Internally organized with 16 pages of 8 bytes
each, the 1K requires a 7-bit data word address for random word addressing.
AT24C02SC, 2K SERIAL EEPROM: Internally organized with 32 pages of 8 bytes
each, the 2K requires an 8-bit data word address for random word addressing.
Absolute Maximum Ratings
Operating Temperature
......................................−55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature
.........................................−65°C to +150°C
Voltage on Any Pin
with Respect to Ground
........................................ −1.0V to +7.0V
Maximum Operating Voltage .......................................... 6.25V
DC Output Current........................................................ 5.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com