Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR-W5SN Datasheet(PDF) 19 Page - OSRAM GmbH

Part # LR-W5SN
Description  white SMD package, colorless clear silicone
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-W5SN Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button LR-W5SN Datasheet HTML 12Page - OSRAM GmbH LR-W5SN Datasheet HTML 13Page - OSRAM GmbH LR-W5SN Datasheet HTML 14Page - OSRAM GmbH LR-W5SN Datasheet HTML 15Page - OSRAM GmbH LR-W5SN Datasheet HTML 16Page - OSRAM GmbH LR-W5SN Datasheet HTML 17Page - OSRAM GmbH LR-W5SN Datasheet HTML 18Page - OSRAM GmbH LR-W5SN Datasheet HTML 19Page - OSRAM GmbH LR-W5SN Datasheet HTML 20Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
LR W5SN, LA W5SN, LY W5SN
2010-09-08
19
Wegen der Streichung der LED aus der IEC 60825-erfolgt die Bewertung der Augensicherheit nach dem Standard IEC
62471:2006 ("photobiological safety of lamps and lamp systems") / IEC 62471 (1st edition 2006-07).
Im Risikogruppensystem dieser CIE- Norm erfüllen die in diesem Datenblatt angegebenen LED die "moderate risk"- Grup-
pe (die die sich im "sichtbaren" Spektralbereich auf eine Expositionsdauer von 0,25 s bezieht). Unter realen Umständen
(für Expositionsdauer, Augenpupille, Betrachtungsabstand) geht damit von diesen Bauelementen keinerlei Augengefähr-
dung aus.
Grundsätzlich sollte jedoch erwähnt werden, dass intensive Lichtquellen durch ihre Blendwirkung ein hohes sekundäres
Gefahrenpotenzial besitzen. Wie nach dem Blick in andere helle Lichtquellen (z.B. Autoscheinwerfer) auch, können tem-
porär eingeschränktes Sehvermögen und Nachbilder je nach Situation zu Irritationen, Belästigungen, Beeinträchtigungen
oder sogar Unfällen führen.
Due to the cancellation of the LED from IEC 60825 the evaluation of eye safety occurs according to the standard IEC
62471:2006 ("photobiological safety of lamps and lamp systems").
Within the risk grouping system of this CIE standard, the LEDs specified in this data sheet fall into the "lmoderate risk" group
(relating to devices in the visible spectrum with an exposure time of 0.25s). Under real circumstances (for exposure time,
eye pupils, observation distance), it is assumed that no endangerment to the eye exists from these devices. As a matter of
principle, however, it should be mentioned that intense light sources have a high secondary exposure potential due to their
blinding effect. As is also true when viewing other bright light sources (e.g. headlights), temporary reduction in visual acuity
and afterimages can occur, leading to irritation, annoyance, visual impairment, and even accidents, depending on the si-
tuation.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain dangerous
substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office. By
agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing material that is
returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
7) page 20 may only be used in life-support devices or systems8) page 20 with the express written approval of OSRAM OS.
Revision History: 2010-09-08
Previous Version:
2010-05-20
Page
Subjects (changes since last revision)
Date of change
all
datasheet complemented with yellow
2006-03-15
1, 13
OS-IN-2007-018 (Introduction of Jedec Level 2)
2007-08-16
10
Diagrams „Permissible Pulse Handling Capability“ added
2008-02-21
2, 5
ordering code (yellow) deleted
2009-10-20
1, 11
additional information
2009-12-07
all
data sheet reworked
2009-12-16
1, 3, 4
OS-PCN-2009-034-A
2009-12-16
all
data sheet reworked
2010-01-21
7 - 11
diagrams updated
2010-03-23
13
Package Outlines updated
2010-03-23
2, 5
ordering code (yellow) changed/added
2010-05-20
all
datasheet reworked / diagrams page 8 corrected / eye safety information
page 19 updated
2010-09-08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com