Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1583BRT-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1583BRT-R2
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1583BRT-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD1583BRT-R2 Datasheet HTML 1Page - Analog Devices AD1583BRT-R2 Datasheet HTML 2Page - Analog Devices AD1583BRT-R2 Datasheet HTML 3Page - Analog Devices AD1583BRT-R2 Datasheet HTML 4Page - Analog Devices AD1583BRT-R2 Datasheet HTML 5Page - Analog Devices AD1583BRT-R2 Datasheet HTML 6Page - Analog Devices AD1583BRT-R2 Datasheet HTML 7Page - Analog Devices AD1583BRT-R2 Datasheet HTML 8Page - Analog Devices AD1583BRT-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
a
AD1582/AD1583/AD1584/AD1585
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
2.5 V to 5.0 V Micropower, Precision
Series Mode Voltage References
FUNCTIONAL BLOCK DIAGRAM
3-Lead SOT-23
(RT Suffix)
1
2
VOUT
VIN
GND
3
AD1582/
AD1583/
AD1584/
AD1585
TOP VIEW
FEATURES
Series Reference (2.5 V, 3 V, 4.096 V, 5 V)
Low Quiescent Current: 70
A max
Current Output Capability:
5 mA
Wide Supply Range: VIN = VOUT + 200 mV to 12 V
Wideband Noise (10 Hz to 10 kHz): 50
V rms
Specified Temperature Range: –40 C to +125 C
Compact, Surface-Mount SOT-23 Package
TARGET APPLICATIONS
1. Portable, battery-powered equipment, e.g., notebook comput-
ers, cellular phones, pagers, PDAs, GPSs, and DMMs.
2. Computer workstations. Suitable for use with a wide range of
video RAMDACs.
3. Smart industrial transmitters
4. PCMCIA cards
5. Automotive
6. Hard disk drives
7. 3 V/5 V, 8-bit/12-bit data converters
VSUPPLY (V)
800
700
0
2.7
5
400
300
200
100
600
500
*3.076k SOURCE RESISTOR
SHUNT REFERENCE*
AD1582 SERIES REFERENCE
900
Figure 1. Supply Current (
µA) vs. Supply Voltage (V)
AD158x Products, Three Electrical Grades
Electrical
Tempco
Grade
Initial Accuracy
(ppm C)
AD1582
AD1583/AD1585 AD1584
B
0.08%
0.10%
0.10%
50
C
0.16%
0.20%
0.20%
50
A
0.80%
1.00%
0.98%
100
GENERAL DESCRIPTION
The AD1582, AD1583, AD1584, and AD1585 are a family of low
cost, low power, low dropout, precision band gap references.
These designs are available as three-terminal (series) devices
and are packaged in the compact SOT-23, 3-lead surface-mount
package. The versatility of these references makes them ideal for
use in battery-powered 3 V or 5 V systems where there may be
wide variations in supply voltage and a need to minimize power
dissipation.
The superior accuracy and temperature stability of the AD1582/
AD1583/AD1584/AD1585 is made possible by the precise
matching and thermal tracking of on-chip components. Patented
temperature drift curvature correction design techniques minimize
the nonlinearities in the voltage output temperature characteristic.
These series mode devices (AD1582/AD1583/AD1584/AD1585)
source or sink up to 5 mA of load current and operate efficiently
with only 200 mV of required headroom supply. This family
draws a maximum 70
µA of quiescent current with only a 1.0 µA/V
variation with supply voltage. The advantage of these designs
over conventional shunt devices is extraordinary. Valuable supply
current is no longer wasted through an input series resistor, and
maximum power efficiency is achieved at all input voltage levels.
The AD1582, AD1583, AD1584, and AD1585 are available in
three grades, A, B, and C, and are provided in a tiny footprint,
the SOT-23. All grades are specified over the industrial tem-
perature range of –40
°C to +125°C.


Similar Part No. - AD1583BRT-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1583BRTZ-REEL7 AD-AD1583BRTZ-REEL7 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
More results

Similar Description - AD1583BRT-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1582 AD-AD1582 Datasheet
167Kb / 12P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
6/04-Data Sheet Changed from REV. C to REV. D.
REF03GPZ AD-REF03GPZ Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
AD1582 AD-AD1582_13 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GS-REEL7 AD-REF03GS-REEL7 Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
AD1582 AD-AD1582_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1583 AD-AD1583_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1584 AD-AD1584_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1585 AD-AD1585_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com