Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C164-20 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C164-20
Description  5V 8K X 8 CMOS SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C164-20 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C164-20 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C164-20 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C164-20 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C164-20 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C164-20 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C164-20 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C164-20 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C164-20 Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
$6&
Š

Y
$OOLDQFH6HPLFRQGXFWRU
RI 
)XQFWLRQDOGHVFULSWLRQ
The AS7C164 is a high performance CMOS 65,536-bit Static Random Access Memory (SRAM) device organized as 8,192 words × 8 bits. It is
designed for memory applications where fast data access, low power, and simple interfacing are desired.
Equal address access and cycle times (tAA, tRC, tWC) of 12/15/20 ns with output enable access times (tOE) of 6/7/8 ns are ideal for high
performance applications. Active high and low chip enables (CE1, CE2) permit easy memory expansion with multiple-bank memory systems.
When CE1 is High or CE2 is Low the device enters standby mode. The standard AS7C164 is guaranteed not to exceed 11.0 mW power
consumption in standby mode, and typically requires only 250 µW; it offers 2.0V data retention with maximum power of 120 µW.
A write cycle is accomplished by asserting write enable (WE) and both chip enables (CE1, CE2). Data on the input pins I/O0-I/O7 is written
on the rising edge of WE (write cycle 1) or the active-to-inactive edge of CE1 or CE2 (write cycle 2). To avoid bus contention, external devices
should drive I/O pins only after outputs have been disabled with output enable (OE) or write enable (WE).
A read cycle is accomplished by asserting output enable (OE) and both chip enables (CE1, CE2), with write enable (WE) High. The chip drives
I/O pins with the data word referenced by the input address. When either chip enable or output enable is inactive, or write enable is active,
output drivers stay in high-impedance mode.
All chip inputs and outputs are TTL-compatible, and operation is from a single 5V supply. The AS7C164 is packaged in 300 mil SOJ packages.
$EVROXWHPD[LPXPUDWLQJV
NOTE: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional oper-
ation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
7UXWKWDEOH
Key: X = Don’t Care, L = Low, H = High
Parameter
Device
Symbol
Min
Max
Unit
Voltage on VCC relative to GND
AS7C164
Vt1
–0.50
+7.0
V
Voltage on any pin relative to GND
Vt2
–0.50
VCC + 0.50
V
Power dissipation
PD
–1.0
W
Storage temperature (plastic)
Tstg
–65
+150
oC
Ambient temperature with VCC applied
Tbias
–55
+125
oC
DC current into outputs (low)
Iout
–20
mA
CE1
CE2
WE
OE
Data
Mode
HX
X
X
High Z
Standby (ISB, ISB1)
XL
X
X
High Z
Standby (ISB, ISB1)
L
H
H
H
High Z
Output disable (ICC)
LH
H
L
Dout
Read (ICC)
LH
L
X
Din
Write (ICC)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com