Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C164 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C164
Description  5V 8K X 8 CMOS SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C164 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C164 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C164 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C164 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C164 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C164 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C164 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C164 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C164 Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
$6&
Š

Y
$OOLDQFH6HPLFRQGXFWRU
RI 
5HDGF\FOH RYHUWKHRSHUDWLQJUDQJH 
.H\WRVZLWFKLQJZDYHIRUPV
5HDGZDYHIRUP DGGUHVVFRQWUROOHG   
5HDGZDYHIRUP &( DQG&(FRQWUROOHG    
Parameter
Symbol
-12
-15
-20
Unit
Notes
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
12
–
15
–
20
–
ns
Address access time
tAA
–12–15
–20
ns
3
Chip enable (CE1) access time
tACE1
–12–15
–20
ns
3, 12
Chip enable (CE2) access time
tACE2
–12–15
–20
ns
3, 12
Output enable (OE) access time
tOE
–
6
–7–8
ns
Output hold from address change
tOH
3–3–3–
ns
5
CE1 Low to output in low Z
tCLZ1
3
–
3
–
3
–
ns
4, 5, 12
CE2 High to output in low Z
tCLZ2
3
–
3
–
3
–
ns
4, 5, 12
CE1 High to output in high Z
tCHZ1
–
3
–
4
–
5
ns
4, 5, 12
CE2 Low to output in high Z
tCHZ2
–
3
–
4
–
5
ns
4, 5, 12
OE Low to output in low Z
tOLZ
0–0–0–
ns
4, 5
OE High to output in high Z
tOHZ
–
3
–
4
–
5
ns
4, 5
Power up time
tPU
0
–
0
–
0
–
ns
4, 5, 12
Power down time
tPD
–12–15
–20
ns
4, 5, 12
Undefined/don’t care
Falling input
Rising input
Address
DOUT
Data valid
tOH
tAA
tRC
current
Supply
CE2
OE
DOUT
tOE
tOLZ
tACE1, tACE2
tCHZ1, tCHZ2
tCLZ1, tCLZ2
tPU
tPD
ICC
ISB
50%
50%
tOHZ
Data valid
tRC
1
CE1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com