Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA5801FS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BA5801FS
Description  6-channel Driver with 3.3V Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BA5801FS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BA5801FS Datasheet HTML 1Page - List of Unclassifed Manufacturers BA5801FS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Quiescent current ( Pre )
Quiescent current (Loading)
Maximum output voltage
REV
Smooth time constant
of output voltage
tf
Maximum output voltage
Voltage gain
Common mode input voltage range
Output voltage range
IQ
IQLD
VOMF
VOMR
Ttr
Ttf
VOMS
GVC
VICM
VOHOP
mA
mA
V
V
V/
µS
V/
µS
V
dB
V
V
38
13
5.6
4.4
14
28
5
5.0
5.0
2
1.5
5.6
12
4.4
5.6
5.0
10
0
PreVcc
0.3
No load, LDVCC=0V
No load, VCC=PowVCC=0V
INF=H, INR=L
INF=L, INR=H
Leading edge
Trading edge
Conditions
Parameter
Symbol
Unit
Min.
Typ.
Max.
FWD
tr
LOW
Maximum output current
FWD
Output voltage 1
(Setting time)
Load regulation 1
Output voltage
VOLOP
IOSO
IOSI
VOL1F
VOL1R
VOL2F
VOL2R
VREG
V
µA
mA
V
V
V
V
mV
V
0.3
3.6
2.4
5.0
500
3.45
0.1
800
3.0
3.0
5.6
5.6
100
3.3
500
1
2.4
3.6
5.0
3.15
LDINF=H, LDINR=L
LDINF=L, LDINR=H
LDCONT=1.7V
IL=100~500mA
IL=50mA
SINK
REV
HIGH
PreVcc
2
PreVcc
0.1
SOURCE
FWD
Output voltage 2
(Maximum)
REV
LDINF=H, LDINR=L
LDINF=L, LDINR=H
LDCONT=1.7V
LDCONT=4.5V
FWD
REV
OL1F
OL1R
mV
500
100
Load regulation
Line regulation
∆V
∆V
∆V
∆V
ILR
mV
20
0
50
IL=0~200mA
VSR
mV
50
0
20
Vcc=6~13V
<Circuit current>
<Driver CH1~CH3>
<Spindle Driver>
<Spindle pre OP-AMP>
<Loading Driver>
<Regulator>
(Unless otherwise noted, Ta=25˚C, Vcc=8V, R L=8
Ω)
Electrical characteristics
Application circuit
INTER
FACE
Logic
Logic
Reg
ON/OFF
Driver
MUTE
FOCUS (CH1)
TRACKING (CH2)
SLED (CH3)
SPINDLE
TSD
3
2
1
52
53
54
45
46
M
SPINDLE
PowG
M
TRAY1
M
TRAY2
FOCUS
Vcc
3.3V
Reg
TRACKING
M
PowG
47
48
49
50
51
PowG
N.C
1/2
LDVcc
BA5801FS
N.C
1/2
PowVcc
44
39
43
PreG
40
42
38
32
33
34
35
36
37
31
28
30 29
41
23
22
INTER
FACE
INTER
FACE
27
26
25
24
F
FR
FR
F
R
FR
FR
R
F
R
F
R
21
20
19
µ–COM
DSP
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com