Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C164-20JC Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C164-20JC
Description  5V 8K X 8 CMOS SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C164-20JC Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C164-20JC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C164-20JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C164-20JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C164-20JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C164-20JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C164-20JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C164-20JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C164-20JC Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Š
$6&

Y
$OOLDQFH6HPLFRQGXFWRU
RI 
5HFRPPHQGHG RSHUDWLQJFRQGLWLRQV
'&RSHUDWLQJFKDUDFWHULVWLFV RYHUWKHRSHUDWLQJUDQJH 
&DSDFLWDQFH I 0+]7D R &9&& 120,1$/ 
Parameter
Device
Symbol
Min
Typical
Max
Unit
Supply voltage
AS7C164
VCC
4.5
5.0
5.5
V
Input voltage
AS7C164
VIH
2.2
–
VCC+1
V
VIL
–0.5*
* VIL min = –3.0V for pulse width less than tRC/2.
–0.8
V
Ambient operating temperature
AS7C164
TA
0–
70
oC
Parameter
Symbol
Test Conditions
Device
-12
-15
-20
Unit
Min Max Min Max Min Max
Input leakage current
|I
LI|
VCC = Max,
VIN = GND to VCC
–
1
–1
–1
µA
Output leakage current
|I
LO|
VCC = Max,
CE1 = VIH or CE2 = VIL,
VOUT = GND to VCC
–
1
–1
–1
µA
Operating power supply
current
ICC
VCC = Max,
CE1 = VIL, CE2 = VIH,
f = fMax, IOUT = 0 mA
AS7C164
–
110
–
100
–
90
mA
Standby power supply
current
ISB
VCC = Max,
CE1 = VIH or CE2 = VIL,
f = fMax
AS7C164
–
30
–
25
–
25
mA
ISB1
VCC = Max,
CE1
≥ V
CC–0.2V or
CE2
≤ 0.2V,
VIN ≤ 0.2V or
VIN ≥ VCC–0.2V, f = 0
AS7C164
–
2.0
–
2.0
–
2.0
mA
Output voltage
VOL
IOL = 8 mA, VCC = Min
–
0.4–0.4–0.4
V
VOH
IOH = –4 mA, VCC = Min
2.4
–
2.4
–
2.4
–
V
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE1, CE2, WE, OE
Vin = 0V
5
pF
I/O capacitance
CI/O
I/O
Vin = Vout = 0V
7
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com