Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-2240 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-2240
Description  Silicon Photodiode with V貫 Characteristic
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-2240 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-2240 Datasheet HTML 1Page - OSRAM GmbH SFH-2240 Datasheet HTML 2Page - OSRAM GmbH SFH-2240 Datasheet HTML 3Page - OSRAM GmbH SFH-2240 Datasheet HTML 4Page - OSRAM GmbH SFH-2240 Datasheet HTML 5Page - OSRAM GmbH SFH-2240 Datasheet HTML 6Page - OSRAM GmbH SFH-2240 Datasheet HTML 7Page - OSRAM GmbH SFH-2240 Datasheet HTML 8Page - OSRAM GmbH SFH-2240 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2016-12-19
4
Version 1.2
SFH 2240
Capacitance 1) page 12
C = f(VR), f = 1 MHz, E = 0
Directional Characteristics 1) page 12
Srel = f(ϕ)
10
-3
10
-2
10
-1
10
0
10
1
0
20
40
60
80
100
120
140
V
R
V
C
pF
OHF01402
90
80
70
60
50
40
30
20
10
20
40
60
80
100
120
0.4
0.6
0.8
1.0
ϕ
0.2
0.4
0.6
0.8
1.0
100
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com