Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-2504 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-2504
Description  Silicon PIN Photodiode with integrated Temperature Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-2504 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-2504 Datasheet HTML 1Page - OSRAM GmbH SFH-2504 Datasheet HTML 2Page - OSRAM GmbH SFH-2504 Datasheet HTML 3Page - OSRAM GmbH SFH-2504 Datasheet HTML 4Page - OSRAM GmbH SFH-2504 Datasheet HTML 5Page - OSRAM GmbH SFH-2504 Datasheet HTML 6Page - OSRAM GmbH SFH-2504 Datasheet HTML 7Page - OSRAM GmbH SFH-2504 Datasheet HTML 8Page - OSRAM GmbH SFH-2504 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2016-08-05
4
Version 1.4
SFH 2504
Dark Current 1) page 9
IR = f(VR), E = 0
Capacitance 1) page 9
C = f(VR), f = 1 MHz, E = 0
Dark Current 1) page 9
IR = f(TA), VR = 10 V, E = 0
V
OHF01026
R
R
Ι
0
4
10
3
10
2
10
10
1
pA
20
V
30
10
-25
I
OHF05549
R
TA
nA
˚C
0
25
50
75
100
10
-3
10
-1
10
0
10
-2
1
10
2
10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com