Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-2701 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-2701
Description  High Speed PIN Photodiode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-2701 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-2701 Datasheet HTML 1Page - OSRAM GmbH SFH-2701 Datasheet HTML 2Page - OSRAM GmbH SFH-2701 Datasheet HTML 3Page - OSRAM GmbH SFH-2701 Datasheet HTML 4Page - OSRAM GmbH SFH-2701 Datasheet HTML 5Page - OSRAM GmbH SFH-2701 Datasheet HTML 6Page - OSRAM GmbH SFH-2701 Datasheet HTML 7Page - OSRAM GmbH SFH-2701 Datasheet HTML 8Page - OSRAM GmbH SFH-2701 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2015-12-07
4
Version 1.2
SFH 2701
Capacitance 1) page 12
C = f(VR), f = 1 MHz, E = 0
Switching Time 1) page 12
tr, tf = f(VR), RL = 50 Ω, λ = 650 nm, Ip = 200 µA
Dark Current 1) page 12
IR = f(TA), VR = 5V, E = 0
OHF03901
0
R
V
-3
10
-2
10
-1
10
0
10
1
10
2
10
V
pF
C
1
2
3
4
OHF03917
VR
r
t
ns
0
V
0
,
f
t
2
4
6
8
10 12
16
1
2
3
4
5
6
7
8
OHF03831
R
I
10
-2
35
45
55
65
75 ˚C 85
10
2
nA
25
A
T
1
10
5
5
10
0
-1
5
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com