Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-3204 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-3204
Description  Silicon NPN Phototransistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-3204 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-3204 Datasheet HTML 1Page - OSRAM GmbH SFH-3204 Datasheet HTML 2Page - OSRAM GmbH SFH-3204 Datasheet HTML 3Page - OSRAM GmbH SFH-3204 Datasheet HTML 4Page - OSRAM GmbH SFH-3204 Datasheet HTML 5Page - OSRAM GmbH SFH-3204 Datasheet HTML 6Page - OSRAM GmbH SFH-3204 Datasheet HTML 7Page - OSRAM GmbH SFH-3204 Datasheet HTML 8Page - OSRAM GmbH SFH-3204 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2015-12-08
4
Version 1.3
SFH 3204
Collector-Emitter Capacitance 1) page 11
CCE = f(VCE), f = 1 MHz, E = 0
Directional Characteristics 1) page 11
Srel = f(ϕ)
OHF00592
0
V
CE
C
pF
-2
10
-1
10
10
0
10
1
10
2
0.5
1.0
1.5
2.0
2.5
3.0
VCE
OHF02459
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com