Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-3410 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-3410
Description  Silicon NPN Phototransistor with V貫 Characteristics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-3410 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-3410 Datasheet HTML 1Page - OSRAM GmbH SFH-3410 Datasheet HTML 2Page - OSRAM GmbH SFH-3410 Datasheet HTML 3Page - OSRAM GmbH SFH-3410 Datasheet HTML 4Page - OSRAM GmbH SFH-3410 Datasheet HTML 5Page - OSRAM GmbH SFH-3410 Datasheet HTML 6Page - OSRAM GmbH SFH-3410 Datasheet HTML 7Page - OSRAM GmbH SFH-3410 Datasheet HTML 8Page - OSRAM GmbH SFH-3410 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2016-04-01
4
Version 1.3
SFH 3410
Photocurrent 1) page 12
IPCE / IPCE(25°C)= f(TA), EV = 20 lx, VCE = 1 V ... 5 V
Collector-Emitter Capacitance 1) page 12
CCE = f(VCE), f = 1 MHz, E = 0
Collector-Emitter Current 1) page 12
ICE = f(VCE; EV)
OHF05722
-50
˚C
A
T
0
(25 ˚C)
IPCE
IPCE
-25
0
25
50
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.4
0
pF
OHF04052
CE
C
CE
V
10
-3
10
-2
10
-1
10
0
10
1
10
2
V
0.5
1.0
1.5
2.0
2.5
3.0
4.0
CE
OHF00854
I
0
0
A
CE
V
V
µ
1
2
3
4
5
10
20
30
40
50
60
70
80
200 lx
100 lx
20 lx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com