Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4232 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-4232
Description  High Power Infrared Emitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4232 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-4232 Datasheet HTML 1Page - OSRAM GmbH SFH-4232 Datasheet HTML 2Page - OSRAM GmbH SFH-4232 Datasheet HTML 3Page - OSRAM GmbH SFH-4232 Datasheet HTML 4Page - OSRAM GmbH SFH-4232 Datasheet HTML 5Page - OSRAM GmbH SFH-4232 Datasheet HTML 6Page - OSRAM GmbH SFH-4232 Datasheet HTML 7Page - OSRAM GmbH SFH-4232 Datasheet HTML 8Page - OSRAM GmbH SFH-4232 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Version 1.4
SFH 4232
2015-12-01
3
Grouping (TA = 25 °C)
Group
Min Total Radiant Flux
Max Total Radiant Flux
I
F = 1A, tp = 10 ms
I
F = 1A, tp = 10 ms
Φ
e min [mW]
Φ
e max [mW]
SFH4232 - CB
320
500
SFH4232 - DA
400
630
SFH4232 - DB
500
800
Note:
Measured with integrating sphere.
Only one group in one package unit ( variation lower 1.6:1)
Relative Spectral Emission 1) page 12
Irel = f(λ), TA = 25°C
Relative Total Radiant Flux 1) page 12
Φe/Φe (1A) = f(IF), TA = 25°C, Single pulse,
tp= 100μs
700
0
nm
%
OHF04132
20
40
60
80
100
950
750
800
850
Irel
λ
OHF03848
10
-3
A
10
1
0
10
5
5
10
-1
-2
5
10
I
F
10
10
0
10
1
10
5
5
-2
-1
Φ (1 A)
Φ
e
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com