Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4235 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-4235
Description  High Power Infrared Emitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4235 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-4235 Datasheet HTML 1Page - OSRAM GmbH SFH-4235 Datasheet HTML 2Page - OSRAM GmbH SFH-4235 Datasheet HTML 3Page - OSRAM GmbH SFH-4235 Datasheet HTML 4Page - OSRAM GmbH SFH-4235 Datasheet HTML 5Page - OSRAM GmbH SFH-4235 Datasheet HTML 6Page - OSRAM GmbH SFH-4235 Datasheet HTML 7Page - OSRAM GmbH SFH-4235 Datasheet HTML 8Page - OSRAM GmbH SFH-4235 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2016-05-12
4
Version 1.5
SFH 4235
Max. Permissible Forward Current
IF = f(TS), RthJS = 9 K/W
Forward Current 1) page 12
IF = f(VF), single pulse, tp = 100 µs, TA= 25°C
Permissible Pulse Handling Capability
IF = f(tp), TS = 85 °C, duty cycle D = parameter
0
0
F
I
TS
OHF04190
1.1
0.1
0.2
0.4
0.3
0.5
0.7
0.6
0.8
0.9
A
130
100
60
80
˚C
20
40
OHF04188
F
I
V
A
2
F
V
10
-1
5
10
0
5
10
1
10
-2
2.5
3
3.5
4
-5
F
I
A
tp
s
OHF04189
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D
T
T
t
P
IF
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.5
0.5
0.2
0.33
0.1
0.02
0.05
D =
0.01
0.005
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com