Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4321 Datasheet(PDF) 6 Page - Linear Technology

Part # LT4321
Description  IEEE 802.3bt Powered Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4321 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT4321 Datasheet HTML 2Page - Linear Technology LT4321 Datasheet HTML 3Page - Linear Technology LT4321 Datasheet HTML 4Page - Linear Technology LT4321 Datasheet HTML 5Page - Linear Technology LT4321 Datasheet HTML 6Page - Linear Technology LT4321 Datasheet HTML 7Page - Linear Technology LT4321 Datasheet HTML 8Page - Linear Technology LT4321 Datasheet HTML 9Page - Linear Technology LT4321 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
dc2583af
DEMO MANUAL DC2583A
parts list
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
2
C1, C5
CAP., 0.047µF, X7S, 100V, 10%, 0603
TDK, C1608X7S2A473K080AB
2
0
C2
CAP., OPTION, 0402
OPT
3
1
C3
CAP., 0.047µF, X7R, 100V, 10%, 0805
AVX, 08051C473KAT2A
4
1
CG1
CAP., 1000pF, X7R, 2000V, 10%, 1808
TDK, C4520X7R3D102K130KA
5
4
CT1, CT2, CT3, CT4
CAP, CER, X7R 0.01µF 200V 10%, 0805
AVX, 08052C103KAZ2A
6
1
D2
DIODE, TVS, 58V, 600W, SOD128
NEXPERIA, PTVS58VP1UTP
7
1
D1
DIODE, SCHOTTKY, 100V, 3A
NEXPERIA, PMEG10030
8
1
J1
CONN., MOD. JACK, FEMALE, 2.54mm, 8 TERMINAL, 1 PORT,
R/A THRU-HOLE
STEWART CONNECTOR, SS-7188S-A-NF
9
2
Q1, Q11
MOSFET, N-CH, 100V, 36.6mΩ, 30A, 91W, LFPAK33
NEXPERIA, PSMN040-100MSE
10
8
Q3, Q4, Q5, Q6, Q7, Q8,
Q9, Q10
MOSFET, N-CH, 100V, 71mΩ, 18A, 65W, LFPAK33
NEXPERIA, PSMN075-100MSE
11
1
R9
RES., 174k, 1%, 0603
NIC, NRC06F1743TRF
12
1
R10
RES., 52.3k, 1%, 0603
NIC, NRC06F5232TRF
13
2
R11, R18
RES., 0Ω, 1/10W, 0603
VISHAY, CRCW06030000Z0EA
14
1
R12
RES., 8.2Ω, 1/5W, 5%, 0805
NIC, NRC10J8R2TRF
15
1
R13
RES., 3.3k , 1/10W, 5%, 0603
VISHAY, CRCW06033K30JNEA
16
2
R14, R15
RES., 100k, 1/10W, 5%, 0603
VISHAY, CRCW0603100KJNEA
17
0
R16, R17
RES., OPT, 0805
OPT
18
2
RC1, RC6
RES., 1.00k, 1/8W, 1%, 0805
VISHAY, CRCW08051K00FKEA
19
2
RC2, RC8
RES., 140Ω, 1/8W, 1%, 0805
VISHAY, CRCW0805140RFKEA
20
2
RC3, RC10
RES., 76.8Ω, 1/8W, 1%, 0805
VISHAY, CRCW080576R8FKEA
21
2
RC4, RC12
RES., 49.9Ω, 1/8W, 1%, 0805
VISHAY, CRCW080549R9FKEA
22
1
RC5
RES., 34.8Ω, 1/8W, 1%, 0805
VISHAY, CRCW080534R8FKEA
23
1
RC7
RES., 37.4Ω, 1/8W, 1%, 0805
VISHAY, CRCW080537R4FKEA
24
1
RC9
RES., 46.4Ω, 1/8W, 1%, 0805
PANASONIC, ERJ-6ENF46R4V
25
1
RC11
RES., 64.9Ω, 1/8W, 1%, 0805
VISHAY, CRCW080564R9FKEA
26
1
RC13
RES., 118Ω, 1/8W, 1%, 0805
VISHAY, CRCW0805118RFKEA
27
4
RT1, RT2, RT3, RT4
RES., 75Ω, 1/10W, 5%, 0603
VISHAY, CRCW060375R0JNEA
28
1
T1
TRANSFORMER, ETHERNET, 749022016
WURTH ELEKTRONIK, 749022016
29
0
T4 (ALTERNATE)
TRANSFORMER, ETHERNET, EPG4260S-LF
PCA EPG4260S-LF
30
0
T4 (ALTERNATE)
TRANSFORMER, ETHERNET, ETH1-460LD
COILCRAFT ETH1-460LD
31
1
U1
I.C., IEEE 802.3bt PD CONTROLLERS, DFN10, 3mm x 3mm
LINEAR TECH., LT4294IDD#PBF
32
1
U2
I.C., PoE IDEAL DIODE BRIDGE CONTROLLER, QFN16-UF,
4mm x 4mm
LINEAR TECH., LT4321IUF#PBF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com