Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ6526 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ6526
Description  Hex Half-Bridge Motor Driver with Serial Input Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ6526 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ6526 Datasheet HTML 8Page - Monolithic Power Systems MPQ6526 Datasheet HTML 9Page - Monolithic Power Systems MPQ6526 Datasheet HTML 10Page - Monolithic Power Systems MPQ6526 Datasheet HTML 11Page - Monolithic Power Systems MPQ6526 Datasheet HTML 12Page - Monolithic Power Systems MPQ6526 Datasheet HTML 13Page - Monolithic Power Systems MPQ6526 Datasheet HTML 14Page - Monolithic Power Systems MPQ6526 Datasheet HTML 15Page - Monolithic Power Systems MPQ6526 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MPQ6526 – HEX HALF-BRIDGE MOTOR DRIVER WITH SERIAL INPUT CONTROL
MPQ6526 Rev. 1.0
www.MonolithicPower.com
12
2/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN-24
4x4
Pin #
QFN-24
5x5
Pin #
Name
Description
1
1
OUT4
Half-bridge output 4.
2, 3, 4, 5
3, 4
VS
Power supply.
6
6
OUT3
Half-bridge output 3.
7, 9, 10, 21,
22, 24
7, 9, 10, 21,
22, 24
PGND
Power ground.
8
8
OUT2
Half-bridge output 2.
11
11
OUT1
Half-bridge output 1.
12
12
EN
Enable. Drive EN low for standby mode. Drive EN high for normal
operation.
13
13
DO
Serial data output.
14
14
VCC
Logic supply voltage.
15
15
FAULT
Fault output. A low output at FAULT indicates that the IC has detected
an over-temperature or over-current condition. This output is open-drain.
16
16
AGND
Analog ground.
17
17
CS
Chip select input.
18
18
CLK
Serial clock input.
19
19
DI
Serial data input.
20
20
OUT6
Half-bridge output 6.
23
23
OUT5
Half-bridge output 5.
-
2, 5
NC
No connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com