Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8630 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8630
Description  Synchronous Micropower Step-Down High Efficiency Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8630 Datasheet(HTML) 2 Page - Linear Technology

  LT8630 Datasheet HTML 1Page - Linear Technology LT8630 Datasheet HTML 2Page - Linear Technology LT8630 Datasheet HTML 3Page - Linear Technology LT8630 Datasheet HTML 4Page - Linear Technology LT8630 Datasheet HTML 5Page - Linear Technology LT8630 Datasheet HTML 6Page - Linear Technology LT8630 Datasheet HTML 7Page - Linear Technology LT8630 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc2504af
DEMO MANUAL DC2504A
DESCRIPTION
Figure 1. LT8630 Efficiency vs Load Current
Figure 2. LT8630 Typical Maximum Load Current vs VIN
VIN = 48V
VOUT = 12V
LOAD CURRENT (mA)
0
100
200
300
400
500
600
55
60
65
70
75
80
85
90
95
DC2504A F01
VOUT = 12V
L = 22H
VIN (V)
0
20
40
60
80
100
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
DC2505A F02



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com