Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMBJSAC8.0 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # HSMBJSAC8.0
Description  500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

HSMBJSAC8.0 Datasheet(HTML) 2 Page - Microsemi Corporation

  HSMBJSAC8.0 Datasheet HTML 1Page - Microsemi Corporation HSMBJSAC8.0 Datasheet HTML 2Page - Microsemi Corporation HSMBJSAC8.0 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HSMBJSAC5.0 thru HSMBJSAC50
500 WATT LOW CAPACITANCE
TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSD A L E DIVISION
ELECTRICAL CHARACTERISTICS @ 25oC
MICROSEMI
PART NUMBER
REVERSE
STAND-OFF
VOLTAGE
(Note 1)
VWM
Volts
BREAKDOWN
VOLTAGE
@ I(BR) 1.0mA
V(BR)
Volts
Min.
MAXIMUM
STANDBY
CURRENT
@VWM
ID
µA
MAXIMUM
CLAMPING
VOLTAGE
IP = 5.0A*
VC
Volts
MAXIMUM
PEAK PULSE
CURRENT*
RATING
IPP
Amps
CAPACITANCE
@ O Volts
pF
WORKING
INVERSE
BLOCKING
VOLTAGE
VWIB
Volts
INVERSE
BLOCKING
LEAKAGE
CURRENT
@ VWIB
IIB mA
PEAK
INVERSE
BLOCKING
VOLTAGE
VPIB
Volts
HSMBJSAC5.0
HSMBJSAC6.0
5.0
6.0
7.60
7.90
300
300
10.0
11.2
44
41
30
30
75
75
1
1
100
100
HSMBJSAC7.0
HSMBJSAC8.0
7.0
8.0
8.33
8.89
300
100
12.6
13.4
38
36
30
30
75
75
1
1
100
100
HSMBJSAC8.5
HSMBJSAC10
8.5
10
9.44
11.10
50
5.0
14.0
16.3
34
29
30
30
75
75
1
1
100
100
HSMBJSAC12
HSMBJSAC15
12
15
13.30
16.70
5.0
5.0
19.0
23.6
25
20
30
30
75
75
1
1
100
100
HSMBJSAC18
HSMBJSAC22
18
22
20.00
24.40
5.0
5.0
28.8
35.4
15
14
30
30
75
75
1
1
100
100
HSMBJSAC26
HSMBJSAC36
26
36
28.90
40.0
5.0
5.0
42.3
60.0
11.1
8.6
30
30
75
75
1
1
100
100
HSMBJSAC45
HSMBJSAC50
45
50
50.00
55.50
5.0
5.0
77.0
88.0
6.8
5.8
30
30
150
150
1
1
200
200
*See Figure 3
Clamping Factor: The ratio of the numerical value of VC to V(BR) is typically 1.4 @ full rated power, 1.20 @ 50% rated power. Also see MicroNote 108.
Note 1: A transient voltage suppressor is normally selected according to voltage (VWM), that should be equal to or greater than the dc or continuous
peak operating voltage level.
Note 2: When pulse testing, test in TVS avalanche direction. Do not pulse in “forward” direction. See section for “Schematic Applications” herein.
.
GRAPHS
tw – Pulse Width µs
FIGURE 1
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2002
11-24-2003 REV A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com