Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMBJSAC12 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # HSMBJSAC12
Description  500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

HSMBJSAC12 Datasheet(HTML) 1 Page - Microsemi Corporation

  HSMBJSAC12 Datasheet HTML 1Page - Microsemi Corporation HSMBJSAC12 Datasheet HTML 2Page - Microsemi Corporation HSMBJSAC12 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HSMBJSAC5.0 thru HSMBJSAC50
500 WATT LOW CAPACITANCE
TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSD A L E DIVISION
DESCRIPTION
APPEARANCE
The HSMBJSAC t
ransient voltage suppressor (TVS) series rated at 500
Watts provides an added rectifier element as shown in Figure 4 to achieve
low capacitance in applications for data or signal lines. The low capacitance
rating of less than 30 pF may be used for protecting higher frequency
applications in inductive switching environments or electrical systems
involving secondary lightning effects per IEC61000-4-5 as well as
RTCA/DO-160D or ARINC 429 for airborne avionics.
If bidirectional
protection is needed, two HSMBJSAC devices in anti-parallel configuration
are required as shown in Figure 6. With their very fast response time, they
also provide ESD and EFT protection per IEC61000-4-2 and IEC61000-4-4
respectively.
DO-214AA
See package notes
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
•
Unidirectional low-capacitance TVS series (for
bidirectional see Figure 6)
•
Suppresses transient up to 500 Watts Peak Pulse
Power @ 10/1000 µs
•
Improved performance in low capacitance of 30 pF
•
Economical small plastic surface mount with robust
axial subassembly package
•
Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, JANTXV, and JANS are
also available by adding MQ, MX, MV, or MSP
prefixes respectively to part number, e.g.
MXSAC5.0, MVSAC18, etc.
•
Also available in surface mount with SMAJ prefix
for part numbers (ex. SMAJSAC5.0)
•
UL94V-0 Flammability Classification
•
Low Capacitance for data-line protection to 70 MHz
•
Protection for aircraft fast data rate lines per select
level waveforms in RTCA/DO-160D & ARINC 429
•
ESD and EFT protection per IEC61000-4-2 and
IEC61000-4-4 respectively
•
Secondary lightning protection per IEC61000-4-5 with
42 Ohms source impedance:
Class 1: HSMBJSAC5.0 to HSMBJSAC50
Class 2: HSMBJSAC5.0 to HSMBJSAC45
Class 3: HSMBJSAC5.0 to HSMBJSAC22
Class 4: HSMBJSAC5.0 to HSMBJSAC10
•
Secondary lightning protection per IEC61000-4-5 with
12 Ohms source impedance
Class 1: HSMBJSAC5.0 to HSMBJSAC26
Class 2: HSMBJSAC5.0 to HSMBJSAC15
Class 3: HSMBJSAC5.0 to HSMBJSAC7.0
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
•
Peak Pulse Power Dissipation at 25
oC: 500 Watts @
10/1000
µs with repetition rate of 0.01% or less*
•
Steady State Power Dissipation* at TL = +75
oC: 2.5
Watts.
•
Clamping Speed (0 volts to V(BR) Min.) less than 5
nanoseconds.
•
Operating and Storage Temperature: -65
oC to +150oC.
•
CASE: Void Free Transfer Molded Thermosetting Plastic
(see DO-214AA dimensions and notes)
•
FINISH: All External Surfaces Are Corrosion Resistant and
Leads Solderable
•
POLARITY: Cathode (TVS) Marked with Band
•
MARKING: Part number without HSMBJ prefix (ie. SAC5.0)
• WEIGHT: 0.1 Grams (Approx.)
* TVS devices are not typically used for dc power dissipation and are instead operated < VWM (rated standoff voltage) except for transients
that briefly drive the device into avalanche breakdown (VBR to VC region) of the TVS element. Also see Figures 5 and 6 for further
protection details in rated peak pulse power for unidirectional and bidirectional configurations respectively.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2002
11-24-2003 REV A


Similar Part No. - HSMBJSAC12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSMBJSAC12 ETC2-HSMBJSAC12 Datasheet
287Kb / 3P
Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
HSMBJSAC12 MDE-HSMBJSAC12 Datasheet
130Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE- 5.0 TO 50 Volts 500 Watt Peak Pulse Power
HSMBJSAC12 MDE-HSMBJSAC12 Datasheet
130Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - HSMBJSAC12

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM03 MCC-SM03 Datasheet
416Kb / 2P
Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
SMBJSAC50 MICROSEMI-SMBJSAC50 Datasheet
185Kb / 1P
500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
TGL41-6.8 MICROSEMI-TGL41-6.8 Datasheet
189Kb / 4P
500 Watt Transient Voltage Suppressor
TGL41-10CA MICROSEMI-TGL41-10CA Datasheet
197Kb / 4P
500 Watt Transient Voltage Suppressor
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SAC5.0 SUNMATE-SAC5.0 Datasheet
157Kb / 2P
500 Watts Axial Leaded Low Capacitance Transient Voltage Suppressor
logo
Microsemi Corporation
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
1500 Watt Low Capacitance Transient Voltage Suppressor
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com