Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2345 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2345
Description  16-/18-Bit, Octal 200ksps, SAR ADC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2345 Datasheet(HTML) 2 Page - Linear Technology

  LTC2345 Datasheet HTML 1Page - Linear Technology LTC2345 Datasheet HTML 2Page - Linear Technology LTC2345 Datasheet HTML 3Page - Linear Technology LTC2345 Datasheet HTML 4Page - Linear Technology LTC2345 Datasheet HTML 5Page - Linear Technology LTC2345 Datasheet HTML 6Page - Linear Technology LTC2345 Datasheet HTML 7Page - Linear Technology LTC2345 Datasheet HTML 8Page - Linear Technology LTC2345 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
dc2326af
DEMO MANUAL DC2326A
Dc890 Quick start proceDure
Check to make sure that all jumpers are set to their default
settings as described in the DC2326A Jumpers section of
this manual. The default connections configure the ADC to
use the onboard reference and regulators to generate all
therequiredbiasvoltages.Theanaloginputsbydefaultare
DC coupled. Connect the DC2326A to a DC890 USB High
Speed Data Collection Board using connector P1. Then,
connect the DC890 to a host PC with a standard USB A/B
cable. Apply ±9V to the indicated terminals. Then apply
a low jitter signal source to J5 and J6. Use J7 to route
the signal sources of J5 and J6 to the desired AIN0-AIN7
inputs. Observe the recommended input voltage range
for each analog input. Connect a low jitter 2.5VP-P sine
wave or square wave to connector J1. See the Assembly
Options table for the appropriate clock frequency. Note
that J1 has a 50Ω termination resistor to ground.
Run the PScope™ software (Pscope.exe version K82 or
later) which can be downloaded from www.linear.com/
designtools/software.
Complete software documentation is available from the
Help menu. Updates can be downloaded from the Tools
menu. Check for updates periodically as new features
may be added.
The PScope software should recognize the DC2326A and
configure itself automatically.
Click the Collect button (See Figure 3) to begin acquiring
data. The Collect button then changes to Pause, which
can be clicked to stop data acquisition.
Dc590/Dc2026 Quick start proceDure
IMPORTANT! To avoid damage to the DC2326A, make
sure that VCCIO (JP6 of the DC590, JP3 of the DC2026)
of the DC590/DC2026 is set to 3.3V before connecting
the DC590/DC2026 to the DC2326A.
TousetheDC590/DC2026withtheDC2326A,itisnecessary
to apply ±9V and ground to the ±9V and GND terminals of
the DC2326A. Connect the DC590/DC2026 to a host PC
with a standard USB A/B cable. Connect the DC2326A to
a DC590/DC2026 USB serial controller using the supplied
14-conductor ribbon cable. Apply a signal source to J5
and J6. Use J7 to route the signal sources of J5 and J6
to the desired AIN0-AIN7 inputs. No Clock is required on
J1 when using the DC590/DC2026. The clock signal is
provided by the DC590/DC2026.
Run the QuikEval software (quikeval.exe version K103 or
later)whichisavailablefromwww.linear.com/designtools/
software. The correct control panel will be loaded auto-
matically. Click the COLLECT button (Figure 6) to begin
reading the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com