Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMBJSAC26 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # HSMBJSAC26
Description  500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

HSMBJSAC26 Datasheet(HTML) 3 Page - Microsemi Corporation

  HSMBJSAC26 Datasheet HTML 1Page - Microsemi Corporation HSMBJSAC26 Datasheet HTML 2Page - Microsemi Corporation HSMBJSAC26 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2002
11-24-2003 REV A
HSMBJSAC5.0 thru HSMBJSAC50
500 WATT LOW CAPACITANCE
TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSD A L E DIVISION
Peak Power
(Single Pulse)
Average
Power
TL – Lead Temperature –
oC
t – Time – msec
FIGURE 2
FIGURE 3
Lead Length = 3/8
SCHEMATIC APPLICATIONS
The TVS low capacitance device configuration is shown in Figure 4. As a further option for unidirectional applications, an additional low
capacitance rectifier diode may be used in parallel in the same polarity direction as the TVS as shown in in Figure 5. In applications where
random high voltage transients occur, this will prevent reverse transients from damaging the internal low capacitance rectifier diode and also
provide a low voltage conducting direction. The added rectifier diode should be of similar low capacitance and also have a higher reverse voltage
rating than the TVS clamping voltage VC. Consult factory for recommended rectifier part number. If using two (2) low capacitance TVS devices
in anti-parallel for bidirectional applications, this added protective feature for both directions (including the reverse of each rectifier diode) is also
provided. The unidirectional and bidirectional configurations in Figure 5 and 6 will both result in twice the capacitance of Figure 4.
FIGURE 4
FIGURE 5
TVS with internal Low
Optional Unidirectional
Capacitance Diode
configuration (TVS and
separate rectifier diode)
PACKAGE
DIMENSIONS
DIMENSIONS
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
.073
.087
1.85
2.21
B
.160
.180
4.06
4.57
C
.130
.155
3.30
3.94
D
.205
.220
5.21
5.59
E
.075
.130
1.91
3.30
F
.030
.060
.76
1.52
G
.006
.016
.15
.41
NOTE: Dimension E exceeds the
JEDEC outline in height as shown
in parallel)
FIGURE 6 Optional Bidirectional
configuration (two TVS devices in
anti-parallel)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com