Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5303 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N5303
Description  NPN HIGH POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5303 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N5303 Datasheet HTML 1Page - Microsemi Corporation 2N5303 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N5302, 2N5303 JAN SERIES
ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
Forward-Current Transfer Ratio
IC = 1.0 Adc, VCE = 2.0 Vdc
All Types
IC = 15 Adc, VCE = 2.0 Vdc
2N5302
IC = 10 Adc, VCE = 2.0 Vdc
2N5303
IC = 30 Adc, VCE = 4.0 Vdc
2N5302
IC = 20 Adc, VCE = 4.0 Vdc
2N5303
hFE
40
15
15
5.0
5.0
60
60
Base-Emitter Saturation Voltage
IC = 10 Adc, IB = 1.0 Adc
All Types
IC = 15 Adc, IB = 1.5 Adc
2N5302
IC = 15 Adc, IB = 1.5 Adc
2N5303
IC = 20 Adc, IB = 2.0 Adc
2N5302
IC = 20 Adc, IB = 4.0 Adc
2N5303
VBE(sat)
1.7
1.8
2.0
2.5
2.5
Vdc
Base-Emitter Non-Saturation Voltage
VCE = 2.0 Vdc; IC = 15 Adc
2N5302
VCE = 2.0 Vdc; IC = 10 Adc
2N5303
VCE = 4.0 Vdc; IC = 30 Adc
2N5302
VCE = 4.0 Vdc; IC = 20 Adc
2N5303
VBE
1.8
1.5
3.0
2.5
Vdc
Collector-Emitter Saturation Voltage
IC = 10 Adc, IB = 1.0 Adc
2N5302
IC = 10 Adc, IB = 1.0 Adc
2N5303
IC = 15 Adc, IB = 1.5 Adc
2N5302
IC = 15 Adc, IB = 1.5 Adc
2N5303
IC = 20 Adc, IB = 2.0 Adc
2N5302
IC = 20 Adc, IB = 4.0 Adc
2N5303
IC = 30Adc, IB = 6.0 Adc
2N5302
VCE(sat)
0.75
1.0
1.0
1.5
2.0
2.0
3.0
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Small-Signal Short Circuit
Forward Current Transfer Ratio
IC = 1.0 Adc, VCE = 10 Vdc, f = 1.0 MHz
h
fe
2.0
40
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
800
pF
SWITCHING CHARACTERISTICS
Delay Time
td
0.2
µs
Rise Time
tr
0.9
µs
Storage Time
ts
2.0
µs
Fall Time
VCC = 30 Vdc; IC = 10 Adc; IB = 1.0 Adc
tf
1.0
µs
SAFE OPERATING AREA
DC Tests: TC = 25
0C, 1 Cycle, t
≥≥ 1.0 s
Test 1
VCE = 6.67 Vdc, IC = 30 Adc
2N5302
VCE = 10 Vdc, IC = 20 Adc
2N5303
Test 2
VCE = 20 Vdc, IC = 10 Adc
2N5302; 2N5303
Test 3
VCE = 40 Vdc, IC = 3.0Adc
2N5302; 2N5303
Test 4
VCE = 50 Vdc, IC = 600 mAdc
2N5302
VCE = 60 Vdc, IC = 600 mAdc
2N5303
Clamped Switching: TA = 25
0C, V
CE = 15 Vdc
Clamp Voltage = 60 Vdc, IC = 30 Adc
2N5302
Clamp Voltage = 80 Vdc, IC = 20 Adc
2N5303
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com