Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4258 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-4258
Description  2016-09-23
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4258 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-4258 Datasheet HTML 1Page - OSRAM GmbH SFH-4258 Datasheet HTML 2Page - OSRAM GmbH SFH-4258 Datasheet HTML 3Page - OSRAM GmbH SFH-4258 Datasheet HTML 4Page - OSRAM GmbH SFH-4258 Datasheet HTML 5Page - OSRAM GmbH SFH-4258 Datasheet HTML 6Page - OSRAM GmbH SFH-4258 Datasheet HTML 7Page - OSRAM GmbH SFH-4258 Datasheet HTML 8Page - OSRAM GmbH SFH-4258 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2016-09-23
1
2016-09-23
High Power Infrared Emitter (850 nm)
Version 1.6/ OS-IN-2015-033
SFH 4258
Ordering Information
Features:
•
High Power Infrared LED
•
Half angle: ± 15°
•
High forward current allowed at high temperature
•
Short switching times
•
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
Applications
•
Infrared Illumination for cameras
•
IR data transmission
•
Sensor technology
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
Ie [mW/sr]
IF= 100 mA, tp= 20 ms
SFH 4258
110 (≥ 50)
Q65110A2975
SFH 4258-VAW
63 ... 200
Q65110A7277
Note:
Measured at a solid angle of Ω = 0.01 sr


Similar Part No. - SFH-4258

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4258S OSRAM-SFH-4258S Datasheet
448Kb / 13P
High Power Infrared Emitter
More results

Similar Description - SFH-4258

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
MDT2016-CA TOKO-MDT2016-CA Datasheet
196Kb / 1P
Miniature size: 2016 footprint
logo
P-tec Corporation
PLBT2016 P-TEC-PLBT2016 Datasheet
2Mb / 16P
High Power 2016 SMD LED
logo
Silicon Laboratories
AN349 SILABS-AN349 Datasheet
1Mb / 14P
Si4708/09 PROGRAMMING GUIDE
logo
TE Connectivity Ltd
C-2008563 TEC-C-2008563 Datasheet
167Kb / 3P
REVISED PER ECR-09-006358
logo
PHOENIX CONTACT
1688476 PHOENIX-1688476 Datasheet
74Kb / 3P
VS-09-TI-2EMV
1689284 PHOENIX-1689284 Datasheet
103Kb / 3P
VS-09-IBS-BU
logo
Cree, Inc
JB20163-V CREE-JB20163-V Datasheet
11Mb / 26P
Cree짰 J Series??2016 LEDs
logo
SparkFun Electronics
ROB-10456 SPARKFUN-ROB-10456 Datasheet
104Kb / 1P
12V Solenoid Valve - 3/4"||"8/17/2016
logo
American Bright OPTOELE...
AB-2016E2-KKF80 AMERICANBRIGHT-AB-2016E2-KKF80 Datasheet
792Kb / 11P
High efficacy 2016 EMC white LED
Rev. 1.0
logo
PHOENIX CONTACT
2702903 PHOENIX-2702903 Datasheet
666Kb / 18P
Industrial Ethernet Switch - FL SWITCH 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com