Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4346 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-4346
Description  Infrared Emitter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4346 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-4346 Datasheet HTML 1Page - OSRAM GmbH SFH-4346 Datasheet HTML 2Page - OSRAM GmbH SFH-4346 Datasheet HTML 3Page - OSRAM GmbH SFH-4346 Datasheet HTML 4Page - OSRAM GmbH SFH-4346 Datasheet HTML 5Page - OSRAM GmbH SFH-4346 Datasheet HTML 6Page - OSRAM GmbH SFH-4346 Datasheet HTML 7Page - OSRAM GmbH SFH-4346 Datasheet HTML 8Page - OSRAM GmbH SFH-4346 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2015-12-22
1
2015-12-22
Infrared Emitter (940 nm)
Version 1.3
SFH 4346
Ordering Information
Features:
•
Wavelength 940nm
•
Short switching times
•
package similar to SFH 309
Applications
•
IR remote control
•
Sensor technology
•
Discrete optocouplers
•
Discrete interrupters
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F= 100 mA, tp= 20 ms
SFH 4346
90 (≥ 40)
Q65111A6137
Note:
measured at a solid angle of Ω = 0.01 sr


Similar Part No. - SFH-4346

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4341 OSRAM-SFH-4341 Datasheet
390Kb / 9P
High Power Infrared Emitter
More results

Similar Description - SFH-4346

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1300W MARKTECH-MTE1300W Datasheet
601Kb / 3P
Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC Datasheet
532Kb / 2P
Infrared Emitter
MTE1300N MARKTECH-MTE1300N_15 Datasheet
671Kb / 3P
Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC_15 Datasheet
532Kb / 2P
Infrared Emitter
MTE8760MC MARKTECH-MTE8760MC_15 Datasheet
839Kb / 4P
Infrared Emitter
MTE8800C MARKTECH-MTE8800C_15 Datasheet
130Kb / 2P
Infrared Emitter
MTE8800PT MARKTECH-MTE8800PT_15 Datasheet
598Kb / 4P
Infrared Emitter
MTE9440M3A MARKTECH-MTE9440M3A_15 Datasheet
641Kb / 4P
Infrared Emitter
MTSM0074-843-IR MARKTECH-MTSM0074-843-IR Datasheet
1Mb / 5P
Infrared Emitter
MTSM0077-843-IR MARKTECH-MTSM0077-843-IR Datasheet
1Mb / 5P
Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com