Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4710 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-4710
Description  OSLON Compact
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4710 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-4710 Datasheet HTML 1Page - OSRAM GmbH SFH-4710 Datasheet HTML 2Page - OSRAM GmbH SFH-4710 Datasheet HTML 3Page - OSRAM GmbH SFH-4710 Datasheet HTML 4Page - OSRAM GmbH SFH-4710 Datasheet HTML 5Page - OSRAM GmbH SFH-4710 Datasheet HTML 6Page - OSRAM GmbH SFH-4710 Datasheet HTML 7Page - OSRAM GmbH SFH-4710 Datasheet HTML 8Page - OSRAM GmbH SFH-4710 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2014-01-24
4
Version 1.2
SFH 4710
Grouping (TA = 25 °C)
Gruppierung
Group
Min Total Radiant Flux
Max Total Radiant Flux
Gruppe
Min Gesamtstrahlungsfluss
Max Gesamtstrahlungsfluss
IF = 500 mA, tp = 10 ms
IF = 500 mA, tp = 10 ms
e min [mW]
e max [mW]
SFH 4710 - BB
200
320
SFH 4710 - CA
250
400
Note: Measured with integrating sphere.
Only one group in one package unit ( variation lower 1.6:1)
Anm: Gemessen mit einer Ulbrichtkugel.
Nur eine Gruppe in einer Verpackungseinheit (Streuung kleiner 1.6:1).
Relative Spectral Emission 1) page 11
Relative spektrale Emission 1) Seite 11
Irel = f( ), TA = 25°C, IF = 500 mA, single pulse, tp =
10ms
Relative Total Radiant Flux 1) page 11
Relativer Gesamtstrahlungsfluss 1) Seite 11
e/ e (500mA) = f(IF), TA = 25°C, Single pulse,
tp= 100 s
700
0
nm
%
OHF04132
20
40
60
80
100
950
750
800
850
I
rel
λ
OHF05621
I
F
A
10
1
10
e (500 mA)
e
Φ
-2
Φ
10
-2
-1
10
0
10
5
5
5
-1
10
0
10
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com