Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M56749 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M56749
Description  4 CHANNEL ACTUATOR MOTOR DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56749 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M56749 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M56749 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M56749 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56749 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56749 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56749 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4 CHANNEL ACTUATOR MOTOR
DRIVER
M56749FP
MITSUBISHI <CONTROL / DRIVER IC>
FREQUENCY CHARACTERISTIC
0
25
50
75
100
125
150
Ambient temperature (Ta) (˚C)
1.0
2.0
3.0
4.0
5.0
1.2
Without heatsink
THERMAL DERATING
With infinite heatsink
BASICALLY CHARACTERISTICS (Typical value)
Output saturation voltage and Load current characteristic (Vbs=Vm=Vcc=5V)
(V)
1.0
2.0
3.0
4.0
5.0
100
200
300
400
500 (mA)
This device can use this voltage value
for actuator drive.
Bottom side saturation voltage
Top side saturation voltage
0.84
0.89
0.95
1.00
1.05
0.06
0.12
0.18
0.24
0.30
Load current
(dB)
GAIN
40
20
0
-20
-40
0.03 0.06 0.1
0.3 0.6
1
3
6
10
30
60 100
300 600
180
90
0
-90
-180
(dB)
PHASE
Frequency
PHASE
GAIN
6.0
4.5
(kHZ)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com