Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1156 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1156
Description  2-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1156 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1156 Datasheet HTML 3Page - New Japan Radio NJW1156 Datasheet HTML 4Page - New Japan Radio NJW1156 Datasheet HTML 5Page - New Japan Radio NJW1156 Datasheet HTML 6Page - New Japan Radio NJW1156 Datasheet HTML 7Page - New Japan Radio NJW1156 Datasheet HTML 8Page - New Japan Radio NJW1156 Datasheet HTML 9Page - New Japan Radio NJW1156 Datasheet HTML 10Page - New Japan Radio NJW1156 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NJW1156
– 7 –
PRELIMINARY
I
I
I
I DEFINITION OF I
2C REGISTER
♦
♦
♦
♦I
2C BUS FORMAT
MSB
LSB
MSB
LSB
MSB
LSB
S
Slave Address
A
Select Address
A
Data
A
P
1bit
8bit
1bit
8bit
1bit
8bit
1bit
1bit
S: Starting Term
A: Acknowledge Bit
P: Ending Term
♦
♦
♦
♦SLAVE ADDRESS
MSB
LSB
1
0
0
0
0
0
1
0
♦
♦
♦
♦CONTROL REGISTER TABLE
The select address sets each function (Volume, Selector).
The auto increment function cycles the select address as follows.
00H
¡01H¡02H¡00H
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
00H
Don’t Care
VOLa
01H
Don’t Care
VOLb
02H
Don’t Care
TEST
OFF
Don’t Care
Selector
♦
♦
♦
♦CONTROL REGISTER DEFAULT VALUE
Control register default value is all “0”.
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
00H
0
0
0
0
0
0
0
0
01H
0
0
0
0
0
0
0
0
02H
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com