Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4884 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PI4884
Description  TrenchMOS logic level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PI4884 Datasheet(HTML) 1 Page - NXP Semiconductors

  PI4884 Datasheet HTML 1Page - NXP Semiconductors PI4884 Datasheet HTML 2Page - NXP Semiconductors PI4884 Datasheet HTML 3Page - NXP Semiconductors PI4884 Datasheet HTML 4Page - NXP Semiconductors PI4884 Datasheet HTML 5Page - NXP Semiconductors PI4884 Datasheet HTML 6Page - NXP Semiconductors PI4884 Datasheet HTML 7Page - NXP Semiconductors PI4884 Datasheet HTML 8Page - NXP Semiconductors PI4884 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PI4884
TrenchMOS™ logic level FET
Rev. 02 — 12 April 2002
Product data
M3D315
1.
Product profile
1.1 Description
N-channel enhancement mode field-effect transistor in a plastic package using
TrenchMOS™ technology.
Product availability:
PI4884 in SOT96-1 (SO8).
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
s Low on-state resistance
s Fast switching.
s DC to DC converters
s Portable equipment applications.
s VDS = 30 V
s ID = 12 A
s Ptot = 2.5 W
s RDSon = 16.5 mΩ.
Table 1:
Pinning - SOT96-1, simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1,2,3
source (s)
SOT96-1 (SO8)
4
gate (g)
5,6,7,8
drain (d)
4
5
1
8
Top view
MBK187
s
d
g
MBB076


Similar Part No. - PI4884

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI400 ETC2-PI400 Datasheet
2Mb / 8P
Raspberry PI 400 US KIT ENGLISH VERSION
November 2020
logo
AMI SEMICONDUCTOR
PI400MC-A4 AMI-PI400MC-A4 Datasheet
600Kb / 7P
400DPI CIS Module
PI403MC-A6 AMI-PI403MC-A6 Datasheet
591Kb / 6P
400DPI CIS Module
PI404MC-A8 AMI-PI404MC-A8 Datasheet
605Kb / 7P
400DPI CIS Module
PI409MC-A4 AMI-PI409MC-A4 Datasheet
611Kb / 8P
400DPI CIS Module
More results

Similar Description - PI4884

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
TrenchMOS??logic level FET
Rev. 02-18 May 2001
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
TrenchMOS??logic level FET
Rev. 01-28 March 2002
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
TrenchMOS??logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
TrenchMOS logic level FET
BUK9510-100B ETC-BUK9510-100B Datasheet
129Kb / 15P
TrenchMOS logic level FET
logo
Nexperia B.V. All right...
PMN40LN NEXPERIA-PMN40LN Datasheet
365Kb / 13P
TrenchMOS??logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com