Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4860 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-4860
Description  GaAlAs Light Emitting Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4860 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-4860 Datasheet HTML 1Page - OSRAM GmbH SFH-4860 Datasheet HTML 2Page - OSRAM GmbH SFH-4860 Datasheet HTML 3Page - OSRAM GmbH SFH-4860 Datasheet HTML 4Page - OSRAM GmbH SFH-4860 Datasheet HTML 5Page - OSRAM GmbH SFH-4860 Datasheet HTML 6Page - OSRAM GmbH SFH-4860 Datasheet HTML 7Page - OSRAM GmbH SFH-4860 Datasheet HTML 8Page - OSRAM GmbH SFH-4860 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2015-12-23
4
Version 1.3
SFH 4860
Max. Permissible Forward Current
IF, max = f(TC), RthJC = 160 K / W
Max. Permissible Forward Current
IF, max = f(TA), RthJA = 450 K / W
Forward Current 1) page 8
IF = f(VF), single pulse, tp = 100 µs, TA= 25°C
Permissible Pulse Handling Capability
IF = f(tp), TA = 25 °C, duty cycle D = parameter
T
OHR00390
A
0
F
Ι
0
˚C
20
40
60
80
100
120
mA
20
40
60
80
100
130
T
OHR00391
A
0
F
Ι
0
˚C
20
40
60
80
100
120
mA
20
40
60
80
100
130
V
OHR01871
F
F
Ι
0
3
10
2
10
1
10
10
0
mA
V
1
2
3
4
5
6
7
t
OHR01872
P
10
-5
s
Ι
F
10
-4
10
-3
10
-2
10
-1
10
1
10
T
t P
D =
t P
T
Ι
F
D =
0.005
0.01
0.02
0.05
mA
4
10
10
3
10
2
1
10
DC
0.5
0.2
0.1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com