Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3115EDHD-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3115EDHD-2
Description  40V, 2A Synchronous Buck-Boost DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3115EDHD-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC3115EDHD-2 Datasheet HTML 1Page - Linear Technology LTC3115EDHD-2 Datasheet HTML 2Page - Linear Technology LTC3115EDHD-2 Datasheet HTML 3Page - Linear Technology LTC3115EDHD-2 Datasheet HTML 4Page - Linear Technology LTC3115EDHD-2 Datasheet HTML 5Page - Linear Technology LTC3115EDHD-2 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc2119af
DEMO MANUAL DC2119A
Quick start proceDure
Using short twisted pair leads for any power connections
and with all loads and power supplies off, refer to Figure 4
for the proper measurement and equipment setup. The
Battery/Power Supply (PS1) should not be connected to
the circuit until told to do so in the procedure below.
When measuring the input or output voltage ripple, care
must be taken to avoid a long ground lead on the oscil-
loscope probe. Measure the input or output voltage ripple
by touching the probe tip directly across the VIN or VOUT
and GND terminals (see Figure 5), or by using an oscil-
loscope probe tip jack.
1. Jumper and PS1 settings to start:
PS1 = OFF
JP1 (PWM) = FIXED FREQUENCY
JP2 (RUN) = ON
2. With power OFF connect the power supply (PS1) as
shown in Figure 4. If accurate current measurements
are desired (for efficiency calculation for example) then
connect an ammeter in series with the supply as shown.
The ammeter is not required however.
3. Connect a 500mA load to VOUT as shown in Figure 2
(10Ω for VOUT = 5V). Connect an ammeter if accurate
current measurement or monitoring is desired.
4. Turn on PS1 and slowly increase voltage until the volt-
age at VIN is 4.0V.
5. Verify VOUT is ~5.0V.
6. VIN can now be varied between 2.7V and 40.0V. VOUT
should remain in regulation.
7. Load current (IOUT) can also be varied. The maximum
IOUT is a function of VIN and the current limit. Consult
the datasheet for more information on IOUT vs VIN. In
general for VIN > 3.6V IOUT can be increased to 0.8A.
For VIN > 6V IOUT can be increased to 2A.
8. For operation in Burst Mode move Jumper JP1 to
BURST. IOUT is limited in Burst Mode. See the data
sheet for more information.
9. NOTE: If VOUT drops out of regulation, check to be sure
the maximum load has not been exceeded, or that VIN
is not below the minimum value for regulation (see data
sheet)
Figure 1. DC2119A Efficiency in PWM Mode
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
VIN (V)
LOAD = 500mA
LOAD = 1A
Figure 2. DC2119A Efficiency in Burst Mode
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
VIN (V)
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com