Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMV-30 Datasheet(PDF) 4 Page - PAIRUI GROUP INC.

Part # DMV-30
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DMV-30 Datasheet(HTML) 4 Page - PAIRUI GROUP INC.

  DMV-30 Datasheet HTML 1Page - PAIRUI GROUP INC. DMV-30 Datasheet HTML 2Page - PAIRUI GROUP INC. DMV-30 Datasheet HTML 3Page - PAIRUI GROUP INC. DMV-30 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.pairuigroup.com
Page:
4 / 4
Date: 11/18/2015
*Subject to change without notice
DC-DC Converter
DIP-Package
DMV-30 SERIES, 30WATT, 2:1 INPUT RANGE
ELECTRICAL CURVE
NOTES
RECOMMENDED TEST AND APPLICATION CIRCUIT
1. TVS&FUSE be helpful with over voltage protection and inrush limiting. Recommended FUSE better be 1.5~2times of
the rated current .
2. The input filter capacitor C6 could select the aluminum electrolytic capacitors or tantalum capacitors, and the
withstand voltage should be greater than the highest input voltage. Recommended capacitor should be between
22μF~100μF.
3. C1,C2 for the input filter capacitor,0.1~1μF high-frequency ceramics capacitor or chip capacitor are recommended.
The withstand voltage of output filter C5, C7 should be greater than the highest output voltage. Recommended
capacitor of C7 better within 100μF and C5 connected with the chip to reduce the input voltage peak, recommended
0.1~1μF high-frequency ceramics capacitor or chip capacitor.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com