Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5000A Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5000A
Description  12V, 5A Programmable Current Limit Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5000A Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5000A Datasheet HTML 6Page - Monolithic Power Systems MP5000A Datasheet HTML 7Page - Monolithic Power Systems MP5000A Datasheet HTML 8Page - Monolithic Power Systems MP5000A Datasheet HTML 9Page - Monolithic Power Systems MP5000A Datasheet HTML 10Page - Monolithic Power Systems MP5000A Datasheet HTML 11Page - Monolithic Power Systems MP5000A Datasheet HTML 12Page - Monolithic Power Systems MP5000A Datasheet HTML 13Page - Monolithic Power Systems MP5000A Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP5000A – 12V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5000A Rev. 1.01
www.MonolithicPower.com
13
10/16/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Design Example
Below is a design example following the
application guidelines for the given specifications:
Table 4: Design Example
VIN
12V
Trip Current
4.7A
Hold Current
3.6A
Figure 4 shows the application schematic. The
Typical Performance Characteristics section
shows the circuit waveforms. For more device
applications,
please
refer
to
the
related
Evaluation Board Datasheet.
TYPICAL APPLICATION CIRCUITS
Figure 4―Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com