Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5260-R2 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC5260-R2
Description  REMOTE CONTROL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5260-R2 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC5260-R2 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5260-R2 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5260-R2 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5260-R2 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5260-R2 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5260-R2 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5260-R2 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5260-R2 Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Silan
Semiconductors
SC5260
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
3
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
1.8
6.0
V
Stand-by Current
Isb
VCC=3V OSC stops
All input pins open
0.2
0.5
0.8
µA
DOUT Output Driving Current
IOH
VCC=3V, VOH=1.5V
VCC=6.0V, VOH=3.0V
2.5
10
mA
DOUT Output Sinking Current
IOL
VCC=3V, VOH=1.5V
VCC=6.0V, VOH=3.0V
4.6
12
mA
Operation Current
Iop
VCC=1.8V
VCC=6.0V
0.01
0.50
mA
PIN DESCRIPTION
Pin No.
Symbol
I/O
Description
1~8
A0~A7
I
Code Address Pin Nos.0~7
These eight tri-state pins ate detected by SC5260 to determine the
encoded waveform bit0~bit7. Each bit can be set to “0”, “1”, or
“f”(floating).
10~11
A8/D3~A9/D2
I/PL*
Code Address pin Nos.8~9/Data Pin Nos.3~2.
These two tri-state pins are detected by SC5260 to determine the
encoded waveform bit8~bit9. When these pins ate used as address
pins (as in SC5260-R2), they can be set to “0”, “1”, or “f” (floating).
When these pins are used as data pins (as in SC5260-R4), they can
only be set to “0” or “1”.
12~13
D1, D0
I/PL
Data Pin Nos. 1~0. These pins can only be set to “0” or “1”.
14
OSC
I
Oscillator Pin A resistor connected between the OSC Pin and the VCC
determines the fundamental frequency of the SC5260.
15
DOUT
O
Data Output Pin. The encoded waveform is serially outputted to this
pin. When SC5260 is not transmitting, DOUT outputs low (VSS)
voltage.
16
VCC
Positive Power Supply
9
VSS
Negative Power Supply
Note: PL -- Pull-low Resistor is connected internally
PL* -- If those two pins are used as Data Pins (SC5260-R2), pull-low resistor is connected internally;
otherwise, no pull-low resistor is connected.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com