Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5010 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP5010
Description  5V, 1A- 5A Programmable Current Limit Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5010 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP5010 Datasheet HTML 1Page - Monolithic Power Systems MP5010 Datasheet HTML 2Page - Monolithic Power Systems MP5010 Datasheet HTML 3Page - Monolithic Power Systems MP5010 Datasheet HTML 4Page - Monolithic Power Systems MP5010 Datasheet HTML 5Page - Monolithic Power Systems MP5010 Datasheet HTML 6Page - Monolithic Power Systems MP5010 Datasheet HTML 7Page - Monolithic Power Systems MP5010 Datasheet HTML 8Page - Monolithic Power Systems MP5010 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP5010 – 5V, 5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5010 Rev.0.92
www.MonolithicPower.com
2
9/2/2014
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP5010DQ
QFN10 (3x3)
8E
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP5010DQ–Z).
For RoHS Compliant Packaging, add suffix –LF (e.g. MP5010DQ–LF–Z)
PACKAGE REFERENCE
1
2
3
4
5
10
9
8
7
6
ABSOLUTE MAXIMUM RATINGS (1)
VCC, SOURCE, I-LIMIT ................................22V
dv/dt, ENABLE/FAULT...................................6V
Storage Temperature.............. –65°C to +155
°C
Operating Junction Temperature .. –40
°C to +150°C
Continuous Power Dissipation (TA=+25
oC)
(2)
…………………………………………………2.5W
Recommended Operating Conditions
(3)
Input Voltage Operating Range......... 4V to 10V
Thermal Resistance
(4)
θJA
θJC
QFN10....................................50 ...... 12 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX) , the junction-to-
ambient thermal resistance
θJA,and the ambient temperature
TA, the maximum allowable power dissipation at any ambient
temperature is calculated using: PD(MAX)=(TJ(MAX)-TA)/ θJA.
Exceeding the maximum allowable power dissipation will
cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
Reduce 0.2 Watts for every 10
oC ambient temperature
increasing
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com