Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5260-R4S Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC5260-R4S
Description  REMOTE CONTROL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5260-R4S Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC5260-R4S Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5260-R4S Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5260-R4S Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5260-R4S Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5260-R4S Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5260-R4S Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5260-R4S Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5260-R4S Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Silan
Semiconductors
SC5260
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
2
BLOCK DIAGRAM
ADDRESS
/DATA
SYSTEM
TIMING
CONTROL
LOGIC
CODE
GENERATION
OSC
OSC
DOUT
A0
A1
A2
A3
A4
A5
A6
A7
A8/D3
A9/D2
D1
D0
PIN CONFIGURATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A0
A1
A2
A3
A4
A5
A6
A7
VCC
DOUT
OSC
D0
D1
D2
D3
VSS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A0
A1
A2
A3
A4
A5
A6
A7
VCC
DOUT
OSC
D0
D1
A9
A8
VSS
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
-0.3 ~ +6.0
V
Input/Output Voltage
VIN,VOUT
-0.3V ~ VCC+0.3V
V
Maximum Power Dissipation
Pa
500
mW
Operating Temperature
Topr
-30 ~ +70
°C
Storage Temperature
Tstg
-40 ~+125
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com