Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5260-R2S Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC5260-R2S
Description  REMOTE CONTROL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5260-R2S Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

  SC5260-R2S Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5260-R2S Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5260-R2S Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5260-R2S Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5260-R2S Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5260-R2S Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5260-R2S Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5260-R2S Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Silan
Semiconductors
SC5260
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
6
3) Single Resistor Oscillator
The built-in oscillator circuitry of SC5260 allows a precision oscillator to be constructed by connecting an external
resistor between OSC and VCC pins. For SC5270 (or SC5272) to decode correctly the received waveform, the
oscillator frequency of SC5270 (or SC5272) must be 1/16~4 (or 1/16~1/4) times that of the transmitting SC5260.
The typical oscillator frequency of SC5270, and SC5272 are shown below:
Encoder (SC5260) OSC Frequency
Decoder (SC5270) OSC Frequency
400
300
250
200
100
500
1234
56789
10
Voltage (Volts)
R=820K
R=1M
R=2M
2
4
6
8
10
12
Voltage (Vcc)
0
20
40
60
80
100
120
140
160
180
0
OSC Resistor = 510K Ohms
OSC Resistor = 1.0M Ohms
OSC Resistor = 1.2M Ohms
OSC Resistor = 2.2M Ohms
Decoder (SC5272) OSC Frequency
1000
100
10
369
12
15
Voltage
R=100K
R=240K
R=510K
R=1M
R=2M
Suggested oscillator resistor values are shown below.
SC5260
SC5270
SC5272
820k
â
510k
â
1M
â
1M
â
620k
â
1.2M
â
2M
â
1.2M
â
2.2M
â



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com