Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4735 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-4735
Description  SMD epoxy package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4735 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-4735 Datasheet HTML 1Page - OSRAM GmbH SFH-4735 Datasheet HTML 2Page - OSRAM GmbH SFH-4735 Datasheet HTML 3Page - OSRAM GmbH SFH-4735 Datasheet HTML 4Page - OSRAM GmbH SFH-4735 Datasheet HTML 5Page - OSRAM GmbH SFH-4735 Datasheet HTML 6Page - OSRAM GmbH SFH-4735 Datasheet HTML 7Page - OSRAM GmbH SFH-4735 Datasheet HTML 8Page - OSRAM GmbH SFH-4735 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2017-02-21
4
Version 1.1
SFH 4735
Permissible Pulse Handling Capability
IF = f(tp), TA = 85 °C, duty cycle D = parameter
Radiation Characteristics 1) page 12
Irel = f(ϕ), TA= 25°C
SFH 4735
10-5 10-4 10-3 0,01 0,1
1
10 100
tp [s]
0,0
0,2
0,4
0,6
0,8
1,0
IF [A]
: D = 1
: D = 0,5
: D =0,2
: D =0,1
: D =0,05
: D =0,02
: D =0,01
: D =0,005
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com