Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4761 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-4761
Description  White frame to achieve high optical power
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4761 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-4761 Datasheet HTML 1Page - OSRAM GmbH SFH-4761 Datasheet HTML 2Page - OSRAM GmbH SFH-4761 Datasheet HTML 3Page - OSRAM GmbH SFH-4761 Datasheet HTML 4Page - OSRAM GmbH SFH-4761 Datasheet HTML 5Page - OSRAM GmbH SFH-4761 Datasheet HTML 6Page - OSRAM GmbH SFH-4761 Datasheet HTML 7Page - OSRAM GmbH SFH-4761 Datasheet HTML 8Page - OSRAM GmbH SFH-4761 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2010-12-15
4
Version 1.0
SFH 4761
Grouping (TB = 25 °C)
Gruppierung
Group
Min Radiant Intensity
Max Radiant Intensity
Gruppe
Min Strahlstärke
Max Strahlstärke
IF = 1 A, tp = 20 ms
IF = 1 A, tp = 20 ms
Ie, min [mW / sr]
Ie, max [mW / sr]
SFH 4761
1120
2000
Note: measured at a solid angle of = 0.01 sr
Anm.: gemessen bei einem Raumwinkel = 0.01 sr
Relative Spectral Emission
Relative spektrale Emission
Irel = f( ), TB = 25 °C
Relative Total Radiant Flux
Relativer Gesamtstrahlungsfluss
e/ e(1A) = f (IF), TB = 25 °C, single pulse,
tp = 100 μs
700
0
nm
%
OHF04132
20
40
60
80
100
950
750
800
850
I
rel
λ
OHF03848
10
-3
A
10
1
0
10
5
5
10
-1
-2
5
10
I
F
10
10
0
10
1
10
55
-2
-1
Φ (1 A)
Φ
e
e



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com