Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4786S Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH-4786S
Description  IR lightsource with high efficiency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4786S Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-4786S Datasheet HTML 1Page - OSRAM GmbH SFH-4786S Datasheet HTML 2Page - OSRAM GmbH SFH-4786S Datasheet HTML 3Page - OSRAM GmbH SFH-4786S Datasheet HTML 4Page - OSRAM GmbH SFH-4786S Datasheet HTML 5Page - OSRAM GmbH SFH-4786S Datasheet HTML 6Page - OSRAM GmbH SFH-4786S Datasheet HTML 7Page - OSRAM GmbH SFH-4786S Datasheet HTML 8Page - OSRAM GmbH SFH-4786S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2017-10-23
2
Version 1.0
SFH 4786S
Maximum Ratings (TA = 25 °C)
Characteristics (TA = 25 °C)
Parameter
Symbol
Values
Unit
Operating temperature range
T
op
-40 ... 85
°C
Storage temperature range
T
stg
-40 ... 85
°C
Junction temperature
T
j
145
°C
Reverse voltage
V
R
1
V
Forward current
I
F
500
mA
Surge current
(tp ≤ 200 µs, D = 0)
I
FSM
2
A
Power consumption
Ptot
1.8
W
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2
kV
Thermal resistance junction - soldering point
R
thJS
25
K / W
Note:
For the forward current and power consumption please see "maximum permissible forward current"
diagram
Parameter
Symbol
Values
Unit
Peak wavelength
(I
F = 1 A, tp = 10 ms)
(typ)
λ
peak
820
nm
Centroid wavelength
(IF = 1 A, tp = 10 ms)
(typ)
λ
centroid
810
nm
Spectral bandwidth at 50% of Imax
(IF = 1 A, tp = 10 ms)
(typ)
∆λ
30
nm
Half angle
(typ)
ϕ
± 15
°
Dimensions of active chip area
(typ)
L x W
0.75 x 0.75
mm x
mm
Rise and fall times of I
e ( 10% and 90% of Ie max)
(I
F = 1 A, RL = 50 Ω)
(typ)
t
r / tf
8/ 14
ns
Forward voltage
(IF = 0.5 A, tp = 100 µs)
(typ (max)) VF
3.3 (≤ 3.6)
V
Forward voltage
(IF = 1 A, tp = 100 μs)
(typ (max)) VF
3.55 (≤ 4)
V
Total radiant flux
(I
F = 1 A, tp = 100 µs)
(typ)
Φ
e
780
mW
Total radiant flux
(I
F = 1 A, tp= 10 ms)
(typ)
Φ
e
700
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com