Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4846 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-4846
Description  Anode is electrically connected to the case
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4846 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-4846 Datasheet HTML 1Page - OSRAM GmbH SFH-4846 Datasheet HTML 2Page - OSRAM GmbH SFH-4846 Datasheet HTML 3Page - OSRAM GmbH SFH-4846 Datasheet HTML 4Page - OSRAM GmbH SFH-4846 Datasheet HTML 5Page - OSRAM GmbH SFH-4846 Datasheet HTML 6Page - OSRAM GmbH SFH-4846 Datasheet HTML 7Page - OSRAM GmbH SFH-4846 Datasheet HTML 8Page - OSRAM GmbH SFH-4846 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2015-12-23
1
2015-12-23
Infrared Emitter (940 nm)
Version 1.3
SFH 4846
Ordering Information
Features:
•
Wavelength 950nm
•
Anode is electrically connected to the case
•
Short switching times
•
Spectral match with silicon photodetectors
Applications
•
Photointerrupters
•
Sensor technology
•
Light curtains
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F= 100 mA, tp= 20 ms
SFH 4846
50 (≥ 25)
Q65111A6131
Note:
Measured at a solid angle of Ω = 0.01 sr


Similar Part No. - SFH-4846

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-484 OSRAM-SFH-484 Datasheet
81Kb / 8P
GaAlAs-IR-Lumineszenzdioden
SFH-4841 OSRAM-SFH-4841 Datasheet
241Kb / 9P
Anode is electrically connected to the case
SFH-4845 OSRAM-SFH-4845 Datasheet
240Kb / 9P
Anode is electrically connected to the case
More results

Similar Description - SFH-4846

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N3673RA NJSEMI-1N3673RA Datasheet
94Kb / 1P
Stud is Anode.
logo
M.S. Kennedy Corporatio...
MSK161 MSK-MSK161_15 Datasheet
153Kb / 6P
Electrically Isolated Case
logo
TE Connectivity Ltd
C-1461247 TEC-C-1461247 Datasheet
126Kb / 2P
removed the rib on the base to case
C-1461400 TEC-C-1461400 Datasheet
131Kb / 2P
removed the rib on the base to case
C-1461401 TEC-C-1461401 Datasheet
133Kb / 2P
removed the rib on the base to case
C-1461402 TEC-C-1461402 Datasheet
226Kb / 2P
removed the rib on the base to case
logo
OSRAM GmbH
SFH-4851 OSRAM-SFH-4851 Datasheet
239Kb / 9P
Anode is electrically connected to the case
SFH-4841 OSRAM-SFH-4841 Datasheet
241Kb / 9P
Anode is electrically connected to the case
SFH-4845 OSRAM-SFH-4845 Datasheet
240Kb / 9P
Anode is electrically connected to the case
logo
CUI INC
AMT-14C-1-036 CUI-AMT-14C-1-036_V01 Datasheet
217Kb / 1P
case_GND is connected internally to GND (black/red)
4/15/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com