Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4079 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4079
Description  60V, 250mA Linear Charger with Low Quiescent Current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4079 Datasheet(HTML) 2 Page - Linear Technology

  LTC4079 Datasheet HTML 1Page - Linear Technology LTC4079 Datasheet HTML 2Page - Linear Technology LTC4079 Datasheet HTML 3Page - Linear Technology LTC4079 Datasheet HTML 4Page - Linear Technology LTC4079 Datasheet HTML 5Page - Linear Technology LTC4079 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc2133afa
DEMO MANUAL DC2133A
QUICK START PROCEDURE
Demonstration circuit 2133 is easy to set up to evaluate
the performance of LTC4079. Refer to Figure 2 for proper
measurement equipment setup and follow the procedure
below.
1. The jumpers are initially set as below for a typical 4.2V
charging application:
JP1
JP2
JP3
JP4
JP5
EN
NTC
TIMER
VBAT
LED
ON
INT
ON
4.2
ON
2. With all power off, connect the input supply, battery,
and meters as shown in Figure 2.
Note: Depending on the input cable and power supply
impedance, hot plugging an input supply may cause
overvoltage transients that can damage the board. R1
and C1 form an input transient damping network that
mitigates this. See AN-88 for component selection.
3. Turn on the input power supply. Adjust the input voltage
and current limit to the desired value.
4. Monitor the PROG pin voltage for a scaled representa-
tion of the output current according to the relationship:
IBAT =
250 • VPROG
RPROG
Note: Minimize capacitance on the PROG pin to prevent
charger instability.
5. Allow the battery to charge for a complete cycle. CHRG
willdisabletheLEDwhenthechargecurrenthasdropped
below 10mA, but the timer will continue to run and
charge current will flow until the timer period ends.
Optional
1. While powered off, change the setting of the EN jumper,
JP1, to REG to evaluate the enable input regulation
feature, or to OFF to disable charging.
2. UseanexternalthermistorconnectedtotheNTCjumper,
JP2, set to EXT.
3. To terminate charge on current, disable the TIMER
input with JP3 set to OFF. LTC4079 will terminate on
C/10 only.
4. The CHRG LED can be disconnected to measure the
true quiescent current of the LTC4079 in shutdown or
for connection to external pull-up logic by setting the
LED jumper, JP5 to OFF.
5. To change the battery charging voltage, set the VBAT
jumper, JP4. Alternatively, the feedback resistors may
be adjusted for custom values, according to the battery
voltage.
Note: DO NOT change the VBAT with VIN applied.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com