Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6410C036 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VV6410C036
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410C036 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VV6410C036 Datasheet HTML 9Page - STMicroelectronics VV6410C036 Datasheet HTML 10Page - STMicroelectronics VV6410C036 Datasheet HTML 11Page - STMicroelectronics VV6410C036 Datasheet HTML 12Page - STMicroelectronics VV6410C036 Datasheet HTML 13Page - STMicroelectronics VV6410C036 Datasheet HTML 14Page - STMicroelectronics VV6410C036 Datasheet HTML 15Page - STMicroelectronics VV6410C036 Datasheet HTML 16Page - STMicroelectronics VV6410C036 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
STV0680A + VV6444/6410/6500
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
PRELIMINARY
CDSTV0680F-C
Commercial in confidence
13
STV0680F_contents.fm
the mains frequency is dependant on the status of the GPIO3 pin, which can be achieved by population of a PCB link at a late
stage in production, once the country of destination is known, without the need to change the crystal frequency.
The auto exposure and gain algorithm is always enabled during ’Snapshot’/self-timer/continuous mode. When the shutter button
is pressed in ‘Snapshot’ mode, the chipset captures an image if the exposure and gain value has reached a suitable value for the
current scene. If the light detected has suddenly changed, the camera may emit an audible tone to indicate that more time is
required to reach the correct exposure target. In ‘Snapshot’ mode the chipset only captures the image data if sufficient light is
present in the image. In continuous capture mode, the chipset captures images regardless of whether enough light is present.
Note: Auto-detect of the mains lighting frequency is not currently supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com