Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4271 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4271
Description  8-Port PSE with Digital Isolation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4271 Datasheet(HTML) 2 Page - Linear Technology

  LTC4271 Datasheet HTML 1Page - Linear Technology LTC4271 Datasheet HTML 2Page - Linear Technology LTC4271 Datasheet HTML 3Page - Linear Technology LTC4271 Datasheet HTML 4Page - Linear Technology LTC4271 Datasheet HTML 5Page - Linear Technology LTC4271 Datasheet HTML 6Page - Linear Technology LTC4271 Datasheet HTML 7Page - Linear Technology LTC4271 Datasheet HTML 8Page - Linear Technology LTC4271 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
dc1843bfa
DEMO MANUAL DC1843B
QUICK START PROCEDURE
Figure 1. DC1842 Backside. Setting AUTO and MID Jumpers
Figure 2. Inserting the DC1842 into J1 of the DC1680
Demonstration kit DC1843B includes the DC1842B
daughter card and DC1680B motherboard. The kit is set
up for evaluating the LTC4290B/LTC4271. Follow the pro-
cedure below and refer to Figures 1 through 4 for proper
equipment setup.
NOTE (DC1843B Kit): Connector J1 on the DC1680B has
four pegs blocking the unused last four pins to match the
30-pinconnectoroftheDC1842B.Dustcapsblockthefour
unused ports at each RJ45 connector on the DC1680B
for the 8-Port.
1. On the DC1842B set AUTO jumper JP1 to HI (Figure 1)
to enable AUTO pin mode.
2. On the DC1842B set MID jumper JP2 to LO (Figure 1)
to disable midspan mode.
3. Alignpin1ofthe30-pinmaleconnectorontheDC1842B
with pin 1 of the 30-pin female connector on the
DC1680B(Figure2).Pin12ispolarizedtoassistwiththe
alignment. Carefully push the DC1842B straight down
untilthetwo30-pinconnectorsareflushwitheachother.
4. On the DC1680B, connect a supply with the positive
rail to POS and negative rail to NEG (Figure 3). Use a
power supply capable of sourcing the maximum load
expected (8 ports
× 850mA ≥ 6.8A). Ramp the supply
up to 51V to 57V.
5. Connect up to 8 PDs to ports 1-8 at the DC1680B, J4
(Figure 3).
6. TheDC590isoptionallyconnectedtotheDC1680Bcon-
nector J5 with a 14-pin ribbon cable (Figure 3). A GUI
for the LTC4290B/LTC4271 is brought up by QuikEval
for I2C interfacing from a PC (Figure 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com