Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3387AGRT Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3387AGRT
Description  6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387AGRT Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3387AGRT Datasheet HTML 8Page - Monolithic Power Systems MP3387AGRT Datasheet HTML 9Page - Monolithic Power Systems MP3387AGRT Datasheet HTML 10Page - Monolithic Power Systems MP3387AGRT Datasheet HTML 11Page - Monolithic Power Systems MP3387AGRT Datasheet HTML 12Page - Monolithic Power Systems MP3387AGRT Datasheet HTML 13Page - Monolithic Power Systems MP3387AGRT Datasheet HTML 14Page - Monolithic Power Systems MP3387AGRT Datasheet HTML 15Page - Monolithic Power Systems MP3387AGRT Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
MP3387A ― 6-STRINGS, MAX 80MA/STRING, STEP-UP, WHITE LED DRIVER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP3387A Rev. 1.0
www.MonolithicPower.com
16
5/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PACKAGE INFORMATION
TQFN-24 (4mmX4mm)
SIDE VIEW
TOP VIEW
1
24
19
18
13
12
7
6
BOTTOM VIEW
3.90
4.10
2.50
2.80
3.90
4.10
2.50
2.80
0.50
BSC
0.18
0.30
0.70
0.80
0.00
0.05
0.20 REF
PIN 1 ID
MARKING
2.70
0.25
RECOMMENDED LAND PATTERN
3.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10 MILLIMETER MAX.
4) DRAWING CONFIRMS TO JEDEC MO-220, VARIATION WGGD.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
SEE DETAIL A
PIN 1 ID OPTION A
0.30x45º TYP.
PIN 1 ID OPTION B
R0.25 TYP.
DETAIL A
PIN 1 ID
INDEX AREA
0.70
0.35
0.45
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com