Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398A Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3398A
Description  Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398A Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3398A Datasheet HTML 6Page - Monolithic Power Systems MP3398A Datasheet HTML 7Page - Monolithic Power Systems MP3398A Datasheet HTML 8Page - Monolithic Power Systems MP3398A Datasheet HTML 9Page - Monolithic Power Systems MP3398A Datasheet HTML 10Page - Monolithic Power Systems MP3398A Datasheet HTML 11Page - Monolithic Power Systems MP3398A Datasheet HTML 12Page - Monolithic Power Systems MP3398A Datasheet HTML 13Page - Monolithic Power Systems MP3398A Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
STEP UP, 4 STRINGS, MAX. 350MA/STRING ANALOG AND PWM DIMMING, WHITE LED CONTROLLER
MP3398A Rev. 1.04
www.MonolithicPower.com
10
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
TSSOP16-EP
&SOIC16
Pin #
SOIC20
Pin #
Name
Description
13
17
ISENSE
Current Sense Input. During normal operation, this pin senses the
voltage across the external-inductor current-sensing resistor (RSENSE)
for peak-current
–mode control and also to limit the inductor current
during every switching cycle. If this pin is not used for cascading
applications, tie this pin to GND; do not let this pin float.
14
18
GATE
Step-up Converter Power Switch Gate Output. This pin drives the external
power N-MOS device.
15
19
VIN
Supply Input. VIN supplies the power to the chip, as well as the step-up
converter switch. Drive VIN with a 5V to 28V power source. Must be locally
bypassed.
16
20
VCC
The Internal 6V Linear Regulator Output. VCC provides power supply for the
external MOSFET switch gate driver and the internal control circuitry. Bypass
VCC to GND with a ceramic capacitor.
4, 6,
15, 16
NC
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com