Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398DGS Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP3398DGS
Description  4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398DGS Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP3398DGS Datasheet HTML 11Page - Monolithic Power Systems MP3398DGS Datasheet HTML 12Page - Monolithic Power Systems MP3398DGS Datasheet HTML 13Page - Monolithic Power Systems MP3398DGS Datasheet HTML 14Page - Monolithic Power Systems MP3398DGS Datasheet HTML 15Page - Monolithic Power Systems MP3398DGS Datasheet HTML 16Page - Monolithic Power Systems MP3398DGS Datasheet HTML 17Page - Monolithic Power Systems MP3398DGS Datasheet HTML 18Page - Monolithic Power Systems MP3398DGS Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
MP3398D – 4-STRING, 350MA/STRING, STEP-UP, WHITE LED CONTROLLER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP3398D Rev. 1.0
www.MonolithicPower.com
19
5/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PACKAGE INFORMATION (continued)
SOIC20
NOTE:
1) CONTROL DIMENSION IS IN INCHES. DIMENSION IN
BRACKET IS IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH
,
PROTRUSIONS OR GATE BURRS.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH
OR PROTRUSIONS.
4) LEAD COPLANARITY(BOTTOM OF LEADS AFTER FORMING)
SHALL BE0.10 MILLIMETERS MAX.
5) DRAWING CONFORMS TO JEDEC MS-013, VARIATION AC.
6) DRAWING IS NOT TO SCALE.
0.013(0.33)
0.020(0.51)
0.496(12.60)
0.512(13.00)
SEATING PLANE
0.050(1.27)
BSC
PIN 1 ID
0.291
(7.40)
0.299
(7.60)
0.394
(10.00)
0.418
(10.60)
1
10
11
20
0.093(2.35)
0.104(2.65)
0.004(0.10)
0.012(0.30)
TOP VIEW
FRONT VIEW
SIDE VIEW
0.009(0.23)
0.013(0.33)
RECOMMENDED LAND PATTERN
0.370
(9.40)
0.079
(2.00)
0.024
(0.61)
0.050
(1.27)
SEE DETAIL "A"
0.016(0.41)
0.050(1.27)
0
o-8o
DETAIL "A"
0.010(0.25)
0.030(0.75)
x 45
o
0.010(0.25) BSC
GAUGE PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com